Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B-5000JZX Datasheet(PDF) 21 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 17Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 18Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 19Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 20Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 21Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 22Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 23Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 24Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 21
USB5532B
In Individual mode, the PRT_CTL signal is driven directly to the EN input of the power switch and the OCS input is con-
nected to the FLG output of the power switch with a 10K pull-up connected, as shown in Figure 4-12.
FIGURE 4-11:
COMBINED MODE IMPLEMENTATION
FIGURE 4-12:
INDIVIDUAL MODE IMPLEMENTATION
USB Power
Switch
EN
OCS
5V
USB
Device
PRT_CTL
USB553x
USB Power
Switch
EN
5V
USB
Device
PRT_CTL
FLG
OCS
USB553x
10k
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com