Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B-5000JZX Datasheet(PDF) 19 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 15Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 16Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 17Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 18Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 19Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 20Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 21Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 22Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 19
USB5532B
4.2.1.1
Invalid Protocol Response Behavior
Note that any attempt to update registers with an invalid protocol will not be updated. The only valid protocols are write
block and read block (described Section 5.5, "SMBus Slave Interface," on page 29), where the hub only responds to the
7-bit hardware selected slave addresses (0101100b or 0101101b). Additionally, the only valid registers for the hub are
outlined in the USB5532B Configuration Release Notes documentation.
4.2.2
SLAVE DEVICE TIMEOUT
Devices in a transfer can abort the transfer in progress and release the bus when any single clock low interval exceeds
25 ms (TTIMEOUT, MIN). The master must detect this condition and generate a stop condition within or after the transfer
of the interrupted data byte. Slave devices must reset their communication and be able to receive a new START condi-
tion no later than 35 ms (TTIMEOUT, MAX).
4.2.3
STRETCHING THE SCLK SIGNAL
The hub supports stretching of the SCLK by other devices on the SMBus. The hub will stretch the clock as needed.
4.2.4
BUS RESET SEQUENCE
The SMBus slave interface resets and returns to the idle state upon a START condition followed immediately by a STOP
condition.
4.2.5
SMBUS ALERT RESPONSE ADDRESS
The SMBALERT# signal is not supported by the USB5532B.
FIGURE 4-10:
SMBUS SLAVE CONNECTION
Note:
Some simple devices do not contain a clock low drive circuit; this simple kind of device typically resets its
communications port after a start or stop condition. The slave device timeout must be implemented.
Master
SM_CLK
SM_DAT
SCL
SDA
VDD
10 k
USB Hub
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com