Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250-ABZJ Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3250-ABZJ
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250-ABZJ Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3250-ABZJ Datasheet HTML 17Page - Microchip Technology USB3250-ABZJ Datasheet HTML 18Page - Microchip Technology USB3250-ABZJ Datasheet HTML 19Page - Microchip Technology USB3250-ABZJ Datasheet HTML 20Page - Microchip Technology USB3250-ABZJ Datasheet HTML 21Page - Microchip Technology USB3250-ABZJ Datasheet HTML 22Page - Microchip Technology USB3250-ABZJ Datasheet HTML 23Page - Microchip Technology USB3250-ABZJ Datasheet HTML 24Page - Microchip Technology USB3250-ABZJ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 21
USB3250
7.3
Clock and Data Recovery Circuit
This block consists of the Clock and Data Recovery Circuit and the Elasticity Buffer. The Elasticity Buffer is used to com-
pensate for differences between the transmitting and receiving clock domains. The USB 2.0 specification defines a max-
imum clock error of ±1000ppm of drift.
7.4
TX Logic
This block receives parallel data bytes placed on the DATA bus and performs the necessary transmit operations. These
operations include parallel to serial conversion, bit stuffing and NRZI encoding. Upon valid assertion of the proper TX
control lines by the SIE and TX State Machine, the TX LOGIC block will synchronously shift, at either the FS or HS rate,
the data to the FS/HS TX block to be transmitted on the USB cable. Data transmit timing is shown in Figure 7-4.
FIGURE 7-4:
TRANSMIT TIMING FOR A DATA PACKET (8-BIT MODE)
FIGURE 7-5:
TRANSMIT TIMING FOR 16-BIT DATA, EVEN BYTE COUNT
PID
DATA
SYNC
DATA
DATA
DATA
CRC
CRC
EOP
DATA
DATA
DATA
CRC
CRC
DATA
PID
CLK60
TXVALID
TXDATA[7:0]
TXREADY
DP/DM
CLK30
DATA[7:0]
TXREADY
TXVALID
DP/DM
PID
DATA
SYNC
DATA
DATA
DATA
DATA
CRC
CRC
PID
DATA[15:8]
DATA (0)
DATA (1)
DATA (2)
DATA (3)
DATA (4)
CRC (HI)
01
2
3
4
HI
VALIDH
CRC (LO)
EOP
LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com