Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250-ABZJ Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3250-ABZJ
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250-ABZJ Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3250-ABZJ Datasheet HTML 9Page - Microchip Technology USB3250-ABZJ Datasheet HTML 10Page - Microchip Technology USB3250-ABZJ Datasheet HTML 11Page - Microchip Technology USB3250-ABZJ Datasheet HTML 12Page - Microchip Technology USB3250-ABZJ Datasheet HTML 13Page - Microchip Technology USB3250-ABZJ Datasheet HTML 14Page - Microchip Technology USB3250-ABZJ Datasheet HTML 15Page - Microchip Technology USB3250-ABZJ Datasheet HTML 16Page - Microchip Technology USB3250-ABZJ Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 13
USB3250
LEAKAGE CURRENT
OFF-State Leakage Current
ILZ
± 1
uA
PORT CAPACITANCE
Transceiver Input Capacitance
CIN
Pin to GND
5
10
pF
TABLE 6-4:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
FS OUTPUT DRIVER TIMING
Rise Time
TFSR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Fall Time
TFFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first
transition from IDLE state
1.3
2.0
V
Differential Rise/Fall Time
Matching
FRFM
Excluding the first
transition from IDLE state
90
111.1
%
HS OUTPUT DRIVER TIMING
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template
1 in USB 2.0
specification
See
Figure 6
-2
HIGH SPEED MODE TIMING
Receiver Waveform
Requirements
Eye pattern of Template
4 in USB 2.0
specification
See
Figure 6
-2
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template
4 in USB 2.0
specification
See
Figure 6
-2
(VDD1.8 =1.6 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = -40
oC to +85oC; unless otherwise specified.)
TABLE 6-5:
DYNAMIC CHARACTERISTICS: DIGITAL UTMI PINS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
UTMI TIMING
RXDATA[7:0]
TPD
Propagation delay from
CLKOUT to signal
CL = 10pF
24
ns
RXVALID
24
RXACTIVE
24
RXERROR
24
LINESTATE[1:0]
24
TXREADY
24
(VDD1.8 =1.6 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = -40
oC to +85oC; unless otherwise specified.)
TABLE 6-3:
DC ELECTRICAL CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
(VDD1.8 =1.6 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = -40
oC to +85oC; unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com