Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524-ABZJ Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2524-ABZJ
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524-ABZJ Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2524-ABZJ Datasheet HTML 17Page - Microchip Technology USB2524-ABZJ Datasheet HTML 18Page - Microchip Technology USB2524-ABZJ Datasheet HTML 19Page - Microchip Technology USB2524-ABZJ Datasheet HTML 20Page - Microchip Technology USB2524-ABZJ Datasheet HTML 21Page - Microchip Technology USB2524-ABZJ Datasheet HTML 22Page - Microchip Technology USB2524-ABZJ Datasheet HTML 23Page - Microchip Technology USB2524-ABZJ Datasheet HTML 24Page - Microchip Technology USB2524-ABZJ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 21
USB2524
7.1.4.9
Register 08h: Configuration Data Byte 3 (Reset = 0x00)
3
COMPOUND
Compound Device: Allows the OEM to indicate that the Hub is part of a
compound (see the USB Specification for definition) device. The applicable
port(s) must also be defined as having a “Non-Removable Device”.
Note: When configured via strapping options, declaring a port as non-
removable automatically causes the hub controller to report that it is part of
a compound device.
0 = No.
1 = Yes, Hub is part of a compound device.
2:1
Reserved
Reserved, always = ‘0’.
0
BOOST_IOUT
Upstream USB electrical signaling drive strength Boost Bit.
Note:
This is used for long-trace length designs where additional electri-
cal signal boost may be required to support standard USB signal
levels at the far end of a cable.
‘0’ = Normal electrical drive strength.
‘1’ = Elevated electrical drive strength.
Bit Number
Bit Name
Description
7:6
PRT_ASSIGN_MOD
E
Port Assignment Interface Mode:
‘00’ = Port Assign Interface is configured for Programmable Mode (8
configurations) (3-wire)
‘01’ = Port Assign Interface is configured for Direct Port Control. (4-Wire),
Level Sensitive.
‘10’ = Port Assign Interface is configured for Direct Port Control. (4-Wire),
edge Sensitive, and Unassigned state is not supported.
‘11’ = Port Assign Interface is configured for Direct Port Control. (4-Wire),
edge Sensitive, and the Unassigned state is supported.
5
PRT_ASSIGN_CFG
Port Assignment Configuration:
‘0’ = Port assignment is controlled by hardware interface pins
‘1’ = Port assignment is controlled by:
PORT_ASSIGN_12
PORT_ASSIGN_34
PORT_ASSIGN_56
PORT_ASSIGN_73333
4:3
Reserved
Reserved, always = ‘0’.3
2:1
LED_MODE
LED Mode Selection: The LED_A[4:1]_N and LED_B[4:1]_N pins support
several different modes of operation (depending upon OEM implementation of
the LED circuit).
‘00’ = USB Mode, (see USB Mode on page 40 for description)
‘01’ = Host Ownership and Port Speed LED indicator, (see Host Ownership
and Port Speed LED Indication on page 40 for description)
‘10’ = Basic Host Ownership LED indicator, (see Basic Host Owner LED
Indication on page 40 for description)
‘11’ = Same as "00", USB Mode
Warning: Do not enable an LED mode that requires LED pins that are not
available in the specific package being used in the implementation!
Bit Number
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com