Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524-ABZJ Datasheet(PDF) 4 Page - Microchip Technology

Part # USB2524-ABZJ
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524-ABZJ Datasheet(HTML) 4 Page - Microchip Technology

  USB2524-ABZJ Datasheet HTML 1Page - Microchip Technology USB2524-ABZJ Datasheet HTML 2Page - Microchip Technology USB2524-ABZJ Datasheet HTML 3Page - Microchip Technology USB2524-ABZJ Datasheet HTML 4Page - Microchip Technology USB2524-ABZJ Datasheet HTML 5Page - Microchip Technology USB2524-ABZJ Datasheet HTML 6Page - Microchip Technology USB2524-ABZJ Datasheet HTML 7Page - Microchip Technology USB2524-ABZJ Datasheet HTML 8Page - Microchip Technology USB2524-ABZJ Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
USB2524
DS00001588B-page 4
 2013 - 2016 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The Microchip 4-Port USB 2.0 Switching Hub Controller acts as two independently controllable USB 2.0 Hubs in a single
package with the ability to electronically reassign and reconfigure any of its 4 downstream ports to either of its two
upstream USB ports. This allows two USB hosts to share peripherals and to dynamically reconfigure them.
Any configuration of the downstream ports is possible except simultaneous connection to both upstream ports. Up to 8
different configurations can be selected by a dedicated 3-pin interface, or the 4-pin interface can be used to directly
assign each port to either of the upstream hosts. An external serial EEPROM (or SMBus Host) is used to store the 8
different configuration parameters. However, 8 predefined configurations, as well as generic VID/PID/DID information,
are provided as defaults if no external Serial EEPROM is detected at power up. The SMBus interface can be used to
configure the hub as well as dynamically re-assigning downstream ports to upstream hosts. The SMBus interface can
be “live” while the hub is operational, and allows an external SMBus host to have full access to re-assign ports on an
as-needed basis.
The Microchip 4-Port Switching Hub is fully compliant with the USB 2.0 Specification and will attach to either or both
upstream USB hosts as a Full-Speed Hub or as a Full-/High-Speed Hub. The 4 downstream Hub ports support Low-
Speed, Full-Speed, and High-Speed (if operating as a High-Speed Hub) downstream devices on all of the enabled
downstream ports.
A USB peripheral or USB Hub that is attached to one of the downstream USB2524 ports will be available to one or the
other of the upstream USB host controllers, but can never be simultaneously shared with both host controllers. The user
can switch a peripheral from one host to the other (on-the-fly), and the peripheral will automatically detach from one host
and attach to the other host. Each host will only configure and control the downstream ports that are assigned to it,
including full USB power management and suspend/resume operations.
The USB2524 works with an external USB power distribution switch device to control VBUS switching to downstream
ports, and to limit current and sense over-current conditions.
All required resistors on the USB ports are integrated into the Hub. This includes all series termination resistors on D+
and D– pins and all required pull-down and pull-up resistors on D+ and D– pins. The over-current sense inputs for the
downstream facing ports have internal pull-up resistors.
Throughout this document the upstream facing port of the hub will be referred to as the upstream port, and the down-
stream facing ports will be called the downstream ports.
For performance reasons, the Hub provides 1 Transaction Translator (TT) per port (defined as Multi-TT configuration),
and each TT has 1512 bytes of periodic buffer space and 272 Bytes of non- periodic buffer space (divided into 4 non-
periodic buffers per TT), for a total of 1784 bytes of buffer space for each Transaction Translator.
When configured as a Single-TT Hub (required by USB 2.0 Specification), the Single Transaction Translator will have
1512 bytes of periodic buffer space and 272 bytes of non-periodic buffer space (divided into 4 non-periodic buffers per
TT), for a total of 1784 bytes of buffer space for the entire Transaction Translator.
1.1
OEM Selectable Features
A default configuration is available in the USB2524 following a reset. This configuration may be sufficient for some appli-
cations. Strapping option pins make it possible to modify a limited sub-set of the configuration options.
The USB2524 may also be configured by an external EEPROM or a microcontroller. When using the microcontroller
interface, the Hub appears as an SMBus slave device. If the Hub is pin-strapped for external EEPROM configuration
but no external EEPROM is present, then a value of ‘0’ will be written to all configuration data bit fields (the hub will
attach to the host with all ‘0’ values).
The USB2524 supports several OEM selectable features:
• Optional OEM configuration via I2C EEPROM or via the industry standard SMBus interface from an external
SMBus Host or Microcontroller.
• Compound device support (port is permanently hardwired to a downstream USB peripheral device).
• Hardware strapping options enable configuration of the following features (when not configured via an EEPROM
or SMBus host).
- Non-Removable Ports
- Port Power Polarity (active high or active low logic)
• Selection of Single (STT) or Multi-Transaction Translator (MTT) capability.
• Selection of Over-Current sensing and Port power control on a individual (port-by-port) or ganged (all ports
together) to match the OEM’s choice of circuit board component selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com