Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDDRL102CL15 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDDRL102CL15
Description  Color temperature: up to 6,000 K
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDDRL102CL15 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDDRL102CL15 Datasheet HTML 1Page - OSRAM GmbH LEDDRL102CL15 Datasheet HTML 2Page - OSRAM GmbH LEDDRL102CL15 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899200494
Folding carton box
1
288 mm x 79 mm x
204 mm
4.64 dm³
1162.00 g
4052899200500
Shipping carton box
4
350 mm x 305 mm x
233 mm
24.87 dm³
5235.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Legal advice
ECE R87 approval
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:21:16
© 2016, OSRAM GmbH. All rights reserved.
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com