Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDDRL102CL15 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDDRL102CL15
Description  Color temperature: up to 6,000 K
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDDRL102CL15 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDDRL102CL15 Datasheet HTML 1Page - OSRAM GmbH LEDDRL102CL15 Datasheet HTML 2Page - OSRAM GmbH LEDDRL102CL15 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 5 year guarantee
_ Homogenous light, without light points
_ Low energy consumption
_ Intensive carwashes possible thanks to high protection class (IP69K)
_ Easy installation
_ Suitable for many vehicle models
_ Automatic operation thanks to intelligent control
Product features
_ Dimmable
_ Color temperature: up to 6,000 K
_ LED daytime running light including position light
_ Lightguide solution with high-quality LED technology
_ Pixel-free brilliance and dynamic curves
_ Eye-catching design and sweeping lines for a dynamic look
_ Long lifetime: up to 5,000 h
_ Certified according to ECE, SAE, CCC regulations
_ OEM technology
_ Type of protection: IP69K
Product datasheet
LEDriving LG | – LED daytime running lights
Areas of application
_ Daytime running light
_ Position light
_ Also suitable for hybrid cars and cars with start-stop-
automatic
__
December 12, 2016, 09:21:16
© 2016, OSRAM GmbH. All rights reserved.
Page 1 of 3


Similar Part No. - LEDDRL102CL15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
LED daytime running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
LED daytime running light
More results

Similar Description - LEDDRL102CL15

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3256XL-7CS280C XILINX-XCR3256XL-7CS280C Datasheet
113Kb / 12P
256 macrocells with 6,000 usable gates
logo
OSRAM GmbH
2825HCBI OSRAM-2825HCBI Datasheet
128Kb / 4P
Color temperature: up to 4,000 K
3547CW2,5W12V OSRAM-3547CW2,5W12V Datasheet
182Kb / 3P
Modern and intense light with up to 6,000 K
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
Color temperature: up to 4,350 K
LEDIL103 OSRAM-LEDIL103 Datasheet
154Kb / 4P
Color temperature: up to 6,000 K
logo
Maxic Technology Corpor...
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
logo
Fortune Semiconductor C...
FS9922-DMM4 FORTUNE-FS9922-DMM4 Datasheet
1Mb / 37P
Integrated Circuits of 6,000 Counts
logo
Murata Manufacturing Co...
935124422622-XXA MURATA1-935124422622-XXA Datasheet
228Kb / 2P
Ultra High operating temperature- ETSC: up to 200?
Last updated06/13/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com