Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79401-I/MS Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP79401-I/MS
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79401-I/MS Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP79401-I/MS Datasheet HTML 4Page - Microchip Technology MCP79401-I/MS Datasheet HTML 5Page - Microchip Technology MCP79401-I/MS Datasheet HTML 6Page - Microchip Technology MCP79401-I/MS Datasheet HTML 7Page - Microchip Technology MCP79401-I/MS Datasheet HTML 8Page - Microchip Technology MCP79401-I/MS Datasheet HTML 9Page - Microchip Technology MCP79401-I/MS Datasheet HTML 10Page - Microchip Technology MCP79401-I/MS Datasheet HTML 11Page - Microchip Technology MCP79401-I/MS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 8
 2011-2016 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Oscillator Input/Output (X1, X2)
These pins are used as the connections for an external
32.768 kHz quartz crystal and load capacitors. X1 is
the crystal oscillator input and X2 is the output. The
MCP7940X is designed to allow for the use of external
load capacitors in order to provide additional flexibility
when choosing external crystals. The MCP7940X is
optimized for crystals with a specified load capacitance
of 6-9 pF.
X1 also serves as the external clock input when the
MCP7940X is configured to use an external oscillator.
3.2
Backup Supply (VBAT)
This is the input for a backup supply to maintain the
RTCC and SRAM registers during the time when VCC
is unavailable.
If the battery backup feature is not being used, the
VBAT pin should be connected to VSS.
3.3
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open-drain
terminal. Therefore, the SDA bus requires a pull-up
resistor to VCC (typically 10 kΩ for 100 kHz, 2 kΩ
 for
400 kHz). For normal data transfer, SDA is allowed to
change only during SCL low. Changes during SCL high
are reserved for indicating the Start and Stop
conditions.
3.4
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
3.5
Multifunction Pin (MFP)
This is an output pin used for the alarm and square
wave output functions. It can also serve as a general
purpose output pin by controlling the OUT bit in the
CONTROL register.
The MFP is an open-drain output and requires a pull-up
resistor to VCC (typically 10 kΩ). This pin may be left
floating if not used.
Name
8-pin
SOIC
8-pin
MSOP
8-pin
TSSOP
8-pin
TDFN
Function
X1
1111
Quartz Crystal Input, External Oscillator Input
X2
2222
Quartz Crystal Output
VBAT
3333
Battery Backup Supply Input
VSS
4444
Ground
SDA
5555
Bidirectional Serial Data (I2C)
SCL
6666
Serial Clock (I2C)
MFP
7777
Multifunction Pin
VCC
8888
Primary Power Supply
Note:
Exposed pad on TFDN can be connected to VSS or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com