Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79401-I/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP79401-I/MS
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79401-I/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP79401-I/MS Datasheet HTML 12Page - Microchip Technology MCP79401-I/MS Datasheet HTML 13Page - Microchip Technology MCP79401-I/MS Datasheet HTML 14Page - Microchip Technology MCP79401-I/MS Datasheet HTML 15Page - Microchip Technology MCP79401-I/MS Datasheet HTML 16Page - Microchip Technology MCP79401-I/MS Datasheet HTML 17Page - Microchip Technology MCP79401-I/MS Datasheet HTML 18Page - Microchip Technology MCP79401-I/MS Datasheet HTML 19Page - Microchip Technology MCP79401-I/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 16
 2011-2016 Microchip Technology Inc.
REGISTER 5-1:
RTCSEC: TIMEKEEPING SECONDS VALUE REGISTER (ADDRESS 0x00)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ST
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
ST:
Start Oscillator bit
1
= Oscillator enabled
0
= Oscillator disabled
bit 6-4
SECTEN<2:0>:
Binary-Coded Decimal Value of Second’s Tens Digit
Contains a value from 0 to 5
bit 3-0
SECONE<3:0>:
Binary-Coded Decimal Value of Second’s Ones Digit
Contains a value from 0 to 9
REGISTER 5-2:
RTCMIN: TIMEKEEPING MINUTES VALUE REGISTER (ADDRESS 0x01)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
MINTEN<2:0>:
Binary-Coded Decimal Value of Minute’s Tens Digit
Contains a value from 0 to 5
bit 3-0
MINONE<3:0>:
Binary-Coded Decimal Value of Minute’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com