Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79402-I/ST Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP79402-I/ST
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 31Page - Microchip Technology MCP79402-I/ST Datasheet HTML 32Page - Microchip Technology MCP79402-I/ST Datasheet HTML 33Page - Microchip Technology MCP79402-I/ST Datasheet HTML 34Page - Microchip Technology MCP79402-I/ST Datasheet HTML 35Page - Microchip Technology MCP79402-I/ST Datasheet HTML 36Page - Microchip Technology MCP79402-I/ST Datasheet HTML 37Page - Microchip Technology MCP79402-I/ST Datasheet HTML 38Page - Microchip Technology MCP79402-I/ST Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 35
MCP79400/MCP79401/MCP79402
6.0
ON-BOARD MEMORY
The MCP7940X has eight bytes of protected EEPROM
for storing crucial information and 64 bytes of SRAM for
general purpose usage. The SRAM is retained when
the primary power supply is removed if a backup supply
is present and enabled. Since the EEPROM is
nonvolatile, it does not require a supply for data
retention.
Although the SRAM is a separate block from the RTCC
registers, they are accessed using the same control
byte, ‘1101111X’. The EEPROM is in a different
address space and requires the use of a different
control byte, ‘1010111X’.
6.1
SRAM/RTCC Registers
The RTCC registers are located at addresses 0x00 to
0x1F, and the SRAM is located at addresses 0x20 to
0x5F. The SRAM can be accessed while the RTCC
registers are being internally updated. The SRAM is not
initialized by a Power-On Reset (POR).
Neither the RTCC registers nor the SRAM can be
accessed when the device is operating off the backup
power supply.
6.1.1
SRAM/RTCC REGISTER BYTE
WRITE
Following the Start condition from the master, the
control code and the R/W bit (which is a logic low) are
clocked onto the bus by the master transmitter. This
indicates to the addressed slave receiver that the
address byte will follow after it has generated an
Acknowledge bit during the ninth clock cycle.
Therefore, the next byte transmitted by the master is
the address and will be written into the Address Pointer
of
the
MCP7940X.
After
receiving
another
Acknowledge bit from the MCP7940X, the master
device transmits the data byte to be written into the
addressed memory location. The MCP7940X stores
the data byte into memory and acknowledges again,
and
the
master
generates
a
Stop
condition
(Figure 6-1).
If an attempt is made to write to an address past 0x5F,
the MCP7940X will not acknowledge the address or
data bytes, and no data will be written. After a byte
Write command, the internal Address Pointer will point
to the address location following the one that was just
written.
6.1.2
SRAM/RTCC REGISTER
SEQUENTIAL WRITE
The write control byte, address, and the first data byte
are transmitted to the MCP7940X in the same way as
in a byte write. But instead of generating a Stop
condition, the master transmits additional data bytes.
Upon receipt of each byte, the MCP7940X responds
with an Acknowledge, during which the data is latched
into memory and the Address Pointer is internally
incremented by one. As with the byte write operation,
the master ends the command by generating a Stop
condition (Figure 6-2).
There is no limit to the number of bytes that can be
written in a single command. However, because the
RTCC registers and SRAM are separate blocks, writing
past the end of each block will cause the Address
Pointer to roll over to the beginning of the same block.
Specifically, the Address Pointer will roll over from 0x1F
to 0x00, and from 0x5F to 0x20.
FIGURE 6-1:
SRAM/RTCC BYTE WRITE
FIGURE 6-2:
SRAM/RTCC SEQUENTIAL WRITE
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA
S
T
O
P
A
C
K
A
C
K
A
C
K
S 110 1
0
1 11
P
0
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA BYTE 0
S
T
O
P
A
C
K
A
C
K
A
C
K
DATA BYTE N
A
C
K
S 1 101
0
111
P
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com