Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79402-I/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP79402-I/ST
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 6Page - Microchip Technology MCP79402-I/ST Datasheet HTML 7Page - Microchip Technology MCP79402-I/ST Datasheet HTML 8Page - Microchip Technology MCP79402-I/ST Datasheet HTML 9Page - Microchip Technology MCP79402-I/ST Datasheet HTML 10Page - Microchip Technology MCP79402-I/ST Datasheet HTML 11Page - Microchip Technology MCP79402-I/ST Datasheet HTML 12Page - Microchip Technology MCP79402-I/ST Datasheet HTML 13Page - Microchip Technology MCP79402-I/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 10
 2011-2016 Microchip Technology Inc.
FIGURE 4-2:
ACKNOWLEDGE TIMING
4.1.2
DEVICE ADDRESSING
The control byte is the first byte received following the
Start condition from the master device (Figure 4-3).
The control byte begins with a 4-bit control code. For
the MCP7940X, this is set as ‘1010’ for EEPROM read
and write operations, and ‘1101’ for SRAM/RTCC
register read and write operations. The next three bits
are non-configurable Chip Select bits that must always
be set to ‘1’.
The last bit of the control byte defines the operation to
be performed. When set to a ‘1’ a read operation is
selected, and when set to a ‘0’ a write operation is
selected.
The combination of the 4-bit control code and the three
Chip Select bits is called the slave address. Upon
receiving a valid slave address, the slave device
outputs an acknowledge signal on the SDA line.
Depending on the state of the R/W bit, the MCP7940X
will select a read or a write operation.
FIGURE 4-3:
CONTROL BYTE FORMAT
SCL
9
8
7
6
5
4
3
2
11
2
3
Transmitter must release the SDA line at this point
allowing the Receiver to pull the SDA line low to
acknowledge the previous eight bits of data.
Receiver must release the SDA line at this point
so the Transmitter can continue sending data.
Data from transmitter
Data from transmitter
SDA
Acknowledge
Bit
11
0
1
1
1
1
SACK
R/W
Control Code
Chip Select
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit
10
1
0
1
1
1
SACK
R/W
OR
EEPROM Control Byte
RTCC Register/SRAM Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com