Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740A Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 29Page - Microchip Technology LAN8740A Datasheet HTML 30Page - Microchip Technology LAN8740A Datasheet HTML 31Page - Microchip Technology LAN8740A Datasheet HTML 32Page - Microchip Technology LAN8740A Datasheet HTML 33Page - Microchip Technology LAN8740A Datasheet HTML 34Page - Microchip Technology LAN8740A Datasheet HTML 35Page - Microchip Technology LAN8740A Datasheet HTML 36Page - Microchip Technology LAN8740A Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 33
LAN8740A/LAN8740Ai
3.7
Configuration Straps
Configuration straps allow various features of the device to be automatically configured to user defined values. Config-
uration straps are latched upon Power-On Reset (POR) and pin reset (nRST). Configuration straps include internal
resistors in order to prevent the signal from floating when unconnected. If a particular configuration strap is connected
to a load, an external pull-up or pull-down resistor should be used to augment the internal resistor to ensure that it
reaches the required voltage level prior to latching. The internal resistor can also be overridden by the addition of an
external resistor.
3.7.1
PHYAD[2:0]: PHY ADDRESS CONFIGURATION
The PHYAD[2:0] configuration straps are driven high or low to give each PHY a unique address. This address is latched
into an internal register at the end of a hardware reset (default = 000b). In a multi-transceiver application (such as a
repeater), the controller is able to manage each transceiver via the unique address. Each transceiver checks each man-
agement data frame for a matching address in the relevant bits. When a match is recognized, the transceiver responds
to that particular frame. The PHY address is also used to seed the scrambler. In a multi-transceiver application, this
ensures that the scramblers are out of synchronization and disperses the electromagnetic radiation across the fre-
quency spectrum.
The device’s SMI address may be configured using hardware configuration to any value between 0 and 7. The user can
configure the PHY address using Software Configuration if an address greater than 7 is required. The PHY address can
be written (after SMI communication at some address is established) using the PHYAD bits of the Special Modes Reg-
ister. The PHYAD[2:0] configuration straps are multiplexed with other signals as shown in Table 3-5.
Note:
The system designer must guarantee that configuration strap pins meet the timing requirements specified
in Section 5.6.2, "Power-On nRST & Configuration Strap Timing". If configuration strap pins are not at the
correct voltage level prior to being latched, the device may capture incorrect strap values.
Note:
When externally pulling configuration straps high, the strap should be tied to VDDIO, except for REGOFF
and nINTSEL which should be tied to VDD2A.
TABLE 3-5:
PIN NAMES FOR ADDRESS BITS
Address Bit
Pin Name
PHYAD[0]
RXER/RXD4/PHYAD0
PHYAD[1]
RXCLK/PHYAD1
PHYAD[2]
RXD3/PHYAD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com