Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740A Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 68Page - Microchip Technology LAN8740A Datasheet HTML 69Page - Microchip Technology LAN8740A Datasheet HTML 70Page - Microchip Technology LAN8740A Datasheet HTML 71Page - Microchip Technology LAN8740A Datasheet HTML 72Page - Microchip Technology LAN8740A Datasheet HTML 73Page - Microchip Technology LAN8740A Datasheet HTML 74Page - Microchip Technology LAN8740A Datasheet HTML 75Page - Microchip Technology LAN8740A Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 72
2013-2015 Microchip Technology Inc.
4.2.13
MODE CONTROL/STATUS REGISTER
Index (In Decimal):
17
Size:
16 bits
Bits
Description
Type
Default
15:14
RESERVED
RO
-
13
EDPWRDOWN
Enable the Energy Detect Power-Down (EDPD) mode:
0 = Energy Detect Power-Down is disabled.
1 = Energy Detect Power-Down is enabled.
Note:
When in EDPD mode, the device’s NLP characteristics can be
modified via the EDPD NLP/Crossover Time/EEE Configuration
Register.
R/W
0b
12:10
RESERVED
RO
-
9
FARLOOPBACK
Enables far loopback mode (i.e., all the received packets are sent back simul-
taneously (in 100BASE-TX only)). This bit is only active in RMII mode. This
mode works even if the Isolate bit (0.10) is set.
0 = Far loopback mode is disabled.
1 = Far loopback mode is enabled.
Refer to Section 3.8.12.2, "Far Loopback" for additional information.
R/W
0b
8:7
RESERVED
RO
-
6
ALTINT
Alternate Interrupt Mode:
0 = Primary interrupt system enabled (Default)
1 = Alternate interrupt system enabled
Refer to Section 3.6, "Interrupt Management" for additional information.
R/W
0b
5:2
RESERVED
RO
-
1
ENERGYON
Indicates whether energy is detected. This bit transitions to “0” if no valid
energy is detected within 256 ms. It is reset to “1” by a hardware reset and is
unaffected by a software reset. Refer to Section 3.8.3.2, "Energy Detect
Power-Down (EDPD)" for additional information.
RO
1b
0
RESERVED
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com