Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARJ11B-MASAD-OW2 Datasheet(PDF) 10 Page - Abracon Corporation

Part # ARJ11B-MASAD-OW2
Description  10/100 Base-T Jack with Magnetic Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ11B-MASAD-OW2 Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ARJ11B-MASAD-OW2 Datasheet HTML 3Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 4Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 5Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 6Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 7Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 8Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 9Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 10Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RJ45 10/100 Base-T Jack with Magnetic Module
|||||||||||| | | |
ARJ11B
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.21.11
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59mm
RoHS
Compliant
LED POLARITY
SCHEMATICS
RX
75
75
SHIELD
TD +
TD -
CT
RD -
RD +
TX +
TX -
RX -
RX +
P8
P7
P6
P4
P3
P2
P1
P5
75
75
J8
J7
J6
J5
J4
J3
J2
J1
TX
1000pF/2KV
SCC
11
12
5
10
9
Left LED
Right LED
Right LED
9
10
Left LED
11
12
6
Vin=2.1Vdc TYP.
2.5Vdc MAX.
E
F
G
H
I
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com