Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARJ11B-MASAD-OW2 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJ11B-MASAD-OW2
Description  10/100 Base-T Jack with Magnetic Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ11B-MASAD-OW2 Datasheet(HTML) 3 Page - Abracon Corporation

  ARJ11B-MASAD-OW2 Datasheet HTML 1Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 2Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 3Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 4Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 5Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 6Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 7Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 8Page - Abracon Corporation ARJ11B-MASAD-OW2 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RJ45 10/100 Base-T Jack with Magnetic Module
|||||||||| | | | | |
OUTLINE DRAWING:
ARJ11B
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.21.11
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59mm
RoHS
Compliant
Dimensions: mm (Unless otherwise specified, tolerances are ± 0.25mm)
MA
MB
LED pins are parallel
MD
MC
LED pins are oblique
ME
MF
LED pins are parallel
LED pins are parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com