Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDFOG101BK12 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LEDFOG101BK12
Description  LED fog light with daytime running light functionality
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDFOG101BK12 Datasheet(HTML) 2 Page - OSRAM GmbH

  LEDFOG101BK12 Datasheet HTML 1Page - OSRAM GmbH LEDFOG101BK12 Datasheet HTML 2Page - OSRAM GmbH LEDFOG101BK12 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Electrical data
Nominal wattage
16.00 … 24.00 W
Photometrical data
Color temperature
6000/5200 K
Dimensions & weight
Product weight
1550.00 g
Certificates & standards
Approval marks – approval
E1 approval
Country specific categorizations
Order reference
LEDFOG101 BK 12
Product datasheet
__
December 12, 2016, 09:21:19
© 2016, OSRAM GmbH. All rights reserved.
LEDFOG101
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com