Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDFOG101BK12 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDFOG101BK12
Description  LED fog light with daytime running light functionality
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDFOG101BK12 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDFOG101BK12 Datasheet HTML 1Page - OSRAM GmbH LEDFOG101BK12 Datasheet HTML 2Page - OSRAM GmbH LEDFOG101BK12 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Detail
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4008321890566
LEDFOG101
Folding carton box
1
280 mm x 145 mm x
40 mm
1.62 dm³
1828.00 g
4008321890573
LEDFOG101
Shipping carton box
4
634 mm x 306 mm x
231 mm
44.81 dm³
8808.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Legal advice
ECE E1 approval
ECE R19/R87 approval
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:21:19
© 2016, OSRAM GmbH. All rights reserved.
LEDFOG101
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com