Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGUARDIANSL101 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDGUARDIANSL101
Description  LED luminaire with safety features
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDGUARDIANSL101 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDGUARDIANSL101 Datasheet HTML 1Page - OSRAM GmbH LEDGUARDIANSL101 Datasheet HTML 2Page - OSRAM GmbH LEDGUARDIANSL101 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ Easy to grip and dirt resistant surface
_ 2 year guarantee
Product features
_ LED luminaire with safety features
_ Emergency hammer
_ Seat belt knife
_ Equipped with 12 high-quality, long-lasting LEDs
_ 12 flashing amber LEDs in handle as warning light
_ Color temperature: up to 6,500 K
_ Luminous flux: up to 105 lm
_ Available color version: orange LEDs, red LEDs
Product datasheet
LEDguardian SL101
LEDguardian SAVER LIGHT PLUS | LED torch with safety features
Areas of application
_ For travel and camping
_ Inspection and maintenance of vehicles
_ Safety light in the car
__
December 12, 2016, 10:04:29
© 2016, OSRAM GmbH. All rights reserved.
LEDguardian SL101
Page 1 of 3


Similar Part No. - LEDGUARDIANSL101

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDGUARDIANSL302 OSRAM-LEDGUARDIANSL302 Datasheet
108Kb / 3P
Available color version: orange LEDs, red LEDs
More results

Similar Description - LEDGUARDIANSL101

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
ESS-12-CW-SD DIALIGHT-ESS-12-CW-SD Datasheet
215Kb / 2P
ES Series White LED Luminaire
ESS-12-RGB-SD DIALIGHT-ESS-12-RGB-SD Datasheet
200Kb / 2P
ES Series RGB LED Luminaire
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
DuroSite Series LED High Bay Luminaire
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
SafeSite Series LED High Bay Luminaire
HBA9C4M DIALIGHT-HBA9C4M_12 Datasheet
220Kb / 2P
SafeSite짰 Series LED High Bay Luminaire
WPBRKTSSADJ DIALIGHT-WPBRKTSSADJ Datasheet
213Kb / 2P
DuroSite짰 LED Emergency Shower Safe Luminaire
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
System Safety Features
logo
Skyworks Solutions Inc.
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com