Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGUARDIANSL101 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDGUARDIANSL101
Description  LED luminaire with safety features
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDGUARDIANSL101 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDGUARDIANSL101 Datasheet HTML 1Page - OSRAM GmbH LEDGUARDIANSL101 Datasheet HTML 2Page - OSRAM GmbH LEDGUARDIANSL101 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Holder included for mounting in car
_ Three magnets included for attachment to metal surfaces
_ Two AA batteries required (not included)
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899132344
LEDguardian SL101
Blister
1
245 mm x 135 mm x
68 mm
2.25 dm³
213.00 g
4052899132351
LEDguardian SL101
Shipping carton box
6
215 mm x 166 mm x
259 mm
9.24 dm³
1440.00 g
4052899132368
LEDguardian SL101
Shipping carton box
36
- x - x -
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Legal advice
Not approved as warning light according to German Road Traffic Licencing Regulations (StVZO).
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 10:04:29
© 2016, OSRAM GmbH. All rights reserved.
LEDguardian SL101
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com