Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGUARDIANSL302 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDGUARDIANSL302
Description  Available color version: orange LEDs, red LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDGUARDIANSL302 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDGUARDIANSL302 Datasheet HTML 1Page - OSRAM GmbH LEDGUARDIANSL302 Datasheet HTML 2Page - OSRAM GmbH LEDGUARDIANSL302 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 2 year guarantee
_ High power warning light for visibility and safety in emergency situations
_ Excellent hazard warning signal and illumination thanks to high intensity LEDs
_ Easy to grip and dirt resistant surface
Product features
_ Available color version: orange LEDs, red LEDs
_ Equipped with 16 high-quality, long-lasting LEDs (12 colored LEDs, 4 white LEDs)
_ Three modes in one product: flashing, constant light and torch function
_ Color temperature: up to 6,000 K
_ Luminous flux: up to 25 lm
Product datasheet
LEDguardian SL302
LEDguardian ROAD FLARE | Emergency flare with rotate and torchlight function
Areas of application
_ Flashlight
_ Emergency situations in road traffic
_ Inspection and maintenance of vehicles
__
December 12, 2016, 10:04:25
© 2016, OSRAM GmbH. All rights reserved.
LEDguardian SL302
Page 1 of 3


Similar Part No. - LEDGUARDIANSL302

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDGUARDIANSL101 OSRAM-LEDGUARDIANSL101 Datasheet
112Kb / 3P
LED luminaire with safety features
More results

Similar Description - LEDGUARDIANSL302

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
R6G6BHC-A01 EVERLIGHT-R6G6BHC-A01 Datasheet
213Kb / 12P
Full Color Chip LEDs
57-21SURC-S530-XX-TR8 EVERLIGHT-57-21SURC-S530-XX-TR8 Datasheet
181Kb / 10P
Side View Red SMD LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-23-R6GHBHC-B05-2T EVERLIGHT-67-23-R6GHBHC-B05-2T Datasheet
285Kb / 13P
Full Color Top LEDs
logo
BRIGHT LED ELECTRONICS ...
BL-HJE36A-AV-TRB BRIGHT-BL-HJE36A-AV-TRB Datasheet
232Kb / 8P
Emitted Color : Super Orange Red.
logo
Everlight Electronics C...
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
Bi-Color (Multi-Color) Top LEDs
08-05-2004
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
logo
List of Unclassifed Man...
C5500-C-S-12 ETC2-C5500-C-S-12 Datasheet
584Kb / 2P
HB LEDs available in white, red, blue, and green
logo
Everlight Electronics C...
EAPL3020BA0 EVERLIGHT-EAPL3020BA0 Datasheet
432Kb / 10P
Top view red LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com