Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGUARDIANSL302 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDGUARDIANSL302
Description  Available color version: orange LEDs, red LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDGUARDIANSL302 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDGUARDIANSL302 Datasheet HTML 1Page - OSRAM GmbH LEDGUARDIANSL302 Datasheet HTML 2Page - OSRAM GmbH LEDGUARDIANSL302 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Magnet included for attachment to metal surfaces
_ Three AAA batteries included
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899184053
LEDguardian SL302
Blister
1
160 mm x 46 mm x
213 mm
1.57 dm³
248.00 g
4052899184060
LEDguardian SL302
Shipping carton box
24
470 mm x 360 mm x
320 mm
54.14 dm³
7101.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Legal advice
Not approved as warning light according to German Road Traffic Licencing Regulations (StVZO).
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 10:04:25
© 2016, OSRAM GmbH. All rights reserved.
LEDguardian SL302
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com