Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDINSPECTPROPENLIGHT150 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDINSPECTPROPENLIGHT150
Description  Rechargeable 800 mAh Li-polymer battery
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTPROPENLIGHT150 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDINSPECTPROPENLIGHT150 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTPROPENLIGHT150 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTPROPENLIGHT150 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 3 year guarantee
_ Rechargeable LED inspection luminaire with compact, high-quality design
_ Robust and impact-resistant housing
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Easy to grip and dirt resistant surface
_ No batteries needed
_ Keeps your hands free thanks to magnet and clip
_ Easy charging via USB port, DC and AC connection
Product features
_ Charging indicator
_ Rechargeable 800 mAh Li-polymer battery
_ Equipped with 6+1 high-quality, long-lasting LEDs
_ Color temperature: up to 6,000 K
_ Intense white light
_ Luminous flux: up to 150 lm (main light), up to 35 lm (torch light)
_ Operation time of battery: up to 2.5 h (main light, torch light)
_ Charge time of battery: up to 2.5 h (main light, torch light)
_ Type of protection: IP20
Product datasheet
INSPECTION LAMP
LEDinspect PRO PENLIGHT 150 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles
__
December 12, 2016, 09:55:45
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 1 of 3


Similar Part No. - LEDINSPECTPROPENLIGHT150

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
Charging indicator and battery status display
More results

Similar Description - LEDINSPECTPROPENLIGHT150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
List of Unclassifed Man...
PD3032 ETC1-PD3032 Datasheet
44Kb / 1P
Li-ion Rechargeable Battery
logo
OSRAM GmbH
LEDINSPECTPOCKET160 OSRAM-LEDINSPECTPOCKET160 Datasheet
126Kb / 3P
Rechargeable 3.7 V 1,500 mAh Li-ion battery
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com