Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDINSPECTPROPOCKET280 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDINSPECTPROPOCKET280
Description  Charging indicator and battery status display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTPROPOCKET280 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDINSPECTPROPOCKET280 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTPROPOCKET280 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTPROPOCKET280 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 3 year guarantee
_ Rechargeable, high-quality LED inspection luminaire in ultra-thin pocket size
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Easy to grip and dirt resistant surface
_ No batteries needed
_ Keeps your hands free thanks to magnet and clip
_ Easy charging via USB port, DC and AC connection
Product features
_ Charging indicator and battery status display
_ Type of protection: IP20
_ Rechargeable 2,000 mAh Li-ion battery
_ Equipped with 3+1 high-quality, long-lasting LEDs
_ Color temperature: up to 6,000 K
_ Intense white light
_ Luminous flux: up to 280 lm (main light), up to 70 lm (torch light)
_ Suspendable via clip and integrated magnetic holder
_ Operation time of battery: up to 3 h (main light, torch light)
_ Charge time of battery: 4…5 h (main light, torch light)
Product datasheet
INSPECTION LAMP
LEDinspect PRO POCKET 280 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles
__
December 12, 2016, 10:03:17
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 1 of 3


Similar Part No. - LEDINSPECTPROPOCKET280

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDINSPECTPROPENLIGHT150 OSRAM-LEDINSPECTPROPENLIGHT150 Datasheet
144Kb / 3P
Rechargeable 800 mAh Li-polymer battery
More results

Similar Description - LEDINSPECTPROPOCKET280

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5214 PHILIPS-SA5214 Datasheet
83Kb / 10P
Postamplifier with link status indicator
1998 Oct 07
SA5217 PHILIPS-SA5217 Datasheet
98Kb / 12P
Postamplifier with link status indicator
1998 Oct 07
logo
Sanyo Semicon Device
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
Lithium-ion battery charging and discharging switch
logo
OSRAM GmbH
LEDINSPECTPROFESSIONAL150 OSRAM-LEDINSPECTPROFESSIONAL150 Datasheet
117Kb / 4P
Charging indicator
LEDINSPECTSLIMLINE250 OSRAM-LEDINSPECTSLIMLINE250 Datasheet
109Kb / 3P
Charging indicator
logo
STMicroelectronics
TM8050H-8W STMICROELECTRONICS-TM8050H-8W Datasheet
361Kb / 9P
Battery charging system
May 2016 Rev 1
logo
PHOENIX CONTACT
FLKM-2I PHOENIX-FLKM-2I Datasheet
49Kb / 3P
Status indicator
FLKM-4I PHOENIX-FLKM-4I Datasheet
49Kb / 3P
Status indicator
logo
WAGO Kontakttechnik Gmb...
788-122 WAGO-788-122 Datasheet
53Kb / 3P
Operation status indicator; 110 VDC
logo
Ultralife Corporation.
UCH0037 ULTRALIFE-UCH0037 Datasheet
551Kb / 1P
LED status indicator
Rev A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com