Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337L Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM337L
Description  3-Terminal Adjustable Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM337L Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM337L Datasheet HTML 1Page - National Semiconductor (TI) LM337L Datasheet HTML 2Page - National Semiconductor (TI) LM337L Datasheet HTML 3Page - National Semiconductor (TI) LM337L Datasheet HTML 4Page - National Semiconductor (TI) LM337L Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Applications
1.2V-25V Adjustable Regulator
DS009134-3
Full output current not available at high input-output voltages
†C1 = 1 µF solid tantalum or 10 µF aluminum electrolytic required for
stability
*C2 = 1 µF solid tantalum is required only if regulator is more than 4" from
power supply filter capacitor
Regulator with Trimmable Output Voltage
DS009134-4
Trim Procedure:
—If VOUT is −23.08V or bigger, cut out R3 (if smaller, don’t cut it out).
— Then if VOUT is −22.47V or bigger, cut out R4 (if smaller, don’t).
— Then if VOUT is −22.16V or bigger, cut out R5 (if smaller, don’t).
This will trim the output to well within 1% of −22.00 VDC, without any of the
expense or trouble of a trim pot (see LB-46). Of course, this technique can
be used at any output voltage level.
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com