Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337L Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM337L
Description  3-Terminal Adjustable Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM337L Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM337L Datasheet HTML 1Page - National Semiconductor (TI) LM337L Datasheet HTML 2Page - National Semiconductor (TI) LM337L Datasheet HTML 3Page - National Semiconductor (TI) LM337L Datasheet HTML 4Page - National Semiconductor (TI) LM337L Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM337L
3-Terminal Adjustable Regulator
General Description
The LM337L is an adjustable 3-terminal negative voltage
regulator capable of supplying 100 mA over a 1.2V to 37V
output range. It is exceptionally easy to use and requires
only two external resistors to set the output voltage. Further-
more, both line and load regulation are better than standard
fixed regulators. Also, the LM337L is packaged in a standard
TO-92 transistor package which is easy to use.
In addition to higher performance than fixed regulators, the
LM337L offers full overload protection. Included on the chip
are current limit, thermal overload protection and safe area
protection. All overload protection circuitry remains fully func-
tional even if the adjustment terminal is disconnected.
Normally, only a single 1 µF solid tantalum output capacitor
is needed unless the device is situated more than 6 inches
from the input filter capacitors, in which case an input bypass
is needed. A larger output capacitor can be added to improve
transient response. The adjustment terminal can be by-
passed to achieve very high ripple rejection ratios which are
difficult to achieve with standard 3-terminal regulators.
Besides replacing fixed regulators, the LM337L is useful in a
wide variety of other applications. Since the regulator is
“floating” and sees only the input-to-output differential volt-
age, supplies of several hundred volts can be regulated as
long as the maximum input-to-output differential is not ex-
ceeded.
Also, it makes an especially simple adjustable switching
regulator, a programmable output regulator, or by connecting
a fixed resistor between the adjustment and output, the
LM337L can be used as a precision current regulator. Sup-
plies with electronic shutdown can be achieved by clamping
the adjustment terminal to ground which programs the out-
put to 1.2V where most loads draw little current.
The LM337L is available in a standard TO-92 transistor
package and a SO-8 surface mount package. The LM337L is
rated for operation over a −25˚C to +125˚C range.
For applications requiring greater output current in excess of
0.5A and 1.5A, see LM137 series data sheets. For the posi-
tive complement, see series LM117 and LM317L data
sheets.
Features
n Adjustable output down to 1.2V
n Guaranteed 100 mA output current
n Line regulation typically 0.01%/V
n Load regulation typically 0.1%
n Current limit constant with temperature
n Eliminates the need to stock many voltages
n Standard 3-lead transistor package
n 80 dB ripple rejection
n Output is short circuit protected
Connection Diagram
DS009134-1
Bottom View
DS009134-2
Top View
Order Number LM337LM or LM337LZ
See NS Package Number M08A or Z03A
May 1998
© 1999 National Semiconductor Corporation
DS009134
www.national.com


Similar Part No. - LM337L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM337L TI2-LM337L Datasheet
1Mb / 23P
LM337L 3-Terminal Adjustable Regulator
REVISED DECEMBER 2016
LM337LM TI1-LM337LM Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LM TI1-LM337LM Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LM/NOPB TI1-LM337LM/NOPB Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LM/NOPB TI1-LM337LM/NOPB Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
More results

Similar Description - LM337L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5237L MITSUBISHI-M5237L Datasheet
165Kb / 6P
3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com