Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9215 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9215
Description  16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9215 Datasheet HTML 17Page - SMSC Corporation LAN9215 Datasheet HTML 18Page - SMSC Corporation LAN9215 Datasheet HTML 19Page - SMSC Corporation LAN9215 Datasheet HTML 20Page - SMSC Corporation LAN9215 Datasheet HTML 21Page - SMSC Corporation LAN9215 Datasheet HTML 22Page - SMSC Corporation LAN9215 Datasheet HTML 23Page - SMSC Corporation LAN9215 Datasheet HTML 24Page - SMSC Corporation LAN9215 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9215
21
Revision 2.9 (03-01-12)
DATASHEET
Note 2.1
Please refer to the SMSC application note ”AN14.9 - “Migrating from LAN9115 to the
LAN9215” for additional details.
PLL Power
VDD_PLL
P
1
+1.8V Power from the internal PLL regulator.
This pin must be connected to a 10uF capacitor
(<2 Ohm ESR), in parallel with a 0.01uF
capacitor to ground. This pin must not be used
to supply power to other external devices. See
Note 2.1.
PLL Ground
VSS_PLL
P
1
GND for the PLL
(100-TQFP Package Only)
Reference Power
VDD_REF
P
1
Connected to 3.3v power and used as the
reference voltage for the internal PLL
Reference Ground
VSS_REF
P
1
Ground for internal PLL reference voltage
(100-TQFP Package Only)
Ground
GND
P
12
Common Ground
(100-LFBGA Package Only)
Table 2.6 MII Interface Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION
Transmit Clock:
TX_CLK
I
(PD)
1
Transmit Clock: 25MHz in 100Base-TX mode.
2.5MHz in 10Base-T mode.
Transmit Data [3:0]
TXD[3:0]
O8
(PD)
4
Transmit Data 3-0: Data bits that are accepted
by the PHY for transmission.
When the internal PHY is selected, these
signals are driven low (0).
Transmit Enable
TX_EN
O8
(PD)
1
Transmit Enable: Indicates that valid data is
presented on the TXD[3:0] signals, for
transmission.
When the internal PHY is selected, this signal
is driven low (0).
Receive Clock
RX_CLK
I
(PD)
1
Receive Clock: 25MHz in 100Base-TX mode.
2.5MHz in 10Base-T mode.
Receive Error
RX_ER
I
(PD)
1
Receive Error: Asserted by the PHY to indicate
that an error was detected somewhere in the
frame presently being transferred from the PHY.
Collision Detect:
COL
I
(PD)
1
MII Collision Detect: Asserted by the PHY to
indicate detection of collision condition.
Receive Data[3:0]
RXD[3:0]
I
Note 2.2
1
Receive Data 3-0: Data bits that are sent from
the PHY to the Ethernet MAC. See Note 2.2.
Carrier Sense
CRS
I
(PD)
1
Carrier Sense: Indicates detection of carrier.
Receive Data
Valid:
RX_DV
I
(PD)
1
Receive Data Valid: Indicates that recovered
and decoded data nibbles are being presented
by the PHY on RXD[3:0].
Table 2.5 System and Power Signals (continued)
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com