Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9215 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9215
Description  16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9215 Datasheet HTML 35Page - SMSC Corporation LAN9215 Datasheet HTML 36Page - SMSC Corporation LAN9215 Datasheet HTML 37Page - SMSC Corporation LAN9215 Datasheet HTML 38Page - SMSC Corporation LAN9215 Datasheet HTML 39Page - SMSC Corporation LAN9215 Datasheet HTML 40Page - SMSC Corporation LAN9215 Datasheet HTML 41Page - SMSC Corporation LAN9215 Datasheet HTML 42Page - SMSC Corporation LAN9215 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9215
39
Revision 2.9 (03-01-12)
DATASHEET
READ (Read Location): This command will cause a read of the EEPROM location pointed to by EPC
Address (EPC_ADDR). The result of the read is available in the E2P_DATA register.
Figure 3.7 EEPROM READ Cycle
WRITE (Write Location): If erase/write operations are enabled in the EEPROM, this command will
cause the contents of the E2P_DATA register to be written to the EEPROM location selected by the
EPC Address field (EPC_ADDR). The EPC_TO bit is set if the EEPROM does not respond within
30ms.
Figure 3.8 EEPROM WRITE Cycle
WRAL (Write All): If erase/write operations are enabled in the EEPROM, this command will cause the
contents of the E2P_DATA register to be written to every EEPROM memory location. The EPC_TO bit
is set if the EEPROM does not respond within 30ms.
Figure 3.9 EEPROM WRAL Cycle
1
10
A6
EECS
EECLK
EEDIO (OUTPUT)
A0
D7
D0
EEDIO (INPUT)
t
CSL
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
11
A6
A0
D7
D0
t
CSL
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
1
D7
D0
0
01
t
CSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com