Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12TTS08 Datasheet(PDF) 4 Page - International Rectifier

Part # 12TTS08
Description  PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12TTS08 Datasheet(HTML) 4 Page - International Rectifier

  12TTS08 Datasheet HTML 1Page - International Rectifier 12TTS08 Datasheet HTML 2Page - International Rectifier 12TTS08 Datasheet HTML 3Page - International Rectifier 12TTS08 Datasheet HTML 4Page - International Rectifier 12TTS08 Datasheet HTML 5Page - International Rectifier 12TTS08 Datasheet HTML 6Page - International Rectifier 12TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
12TTS08
SAFEIR Series
Preliminary Data Sheet I2144 11/97
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 1 - Current Rating Characteristics
100
105
110
115
120
125
02468
10
30°
60°
90°
120°
180°
Conduction Angle
Average On-state Current (A)
12TTS08
R
(DC) = 1.5 K/W
thJ C
100
105
110
115
120
125
02468
10
12
14
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
12TTS08
R
(DC) = 1.5 K/W
thJC
0
1
2
3
4
5
6
7
8
9
10
01
23
45
67
89
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
12TTS08
T = 125°C
J
0
2
4
6
8
10
12
14
02
468
10
12
14
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
12TTS08
T = 125°C
J
60
70
80
90
100
110
120
130
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
12TTS08
50
60
70
80
90
100
110
120
130
140
150
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
12TTS08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com