Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12TTS08 Datasheet(PDF) 1 Page - International Rectifier

Part # 12TTS08
Description  PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12TTS08 Datasheet(HTML) 1 Page - International Rectifier

  12TTS08 Datasheet HTML 1Page - International Rectifier 12TTS08 Datasheet HTML 2Page - International Rectifier 12TTS08 Datasheet HTML 3Page - International Rectifier 12TTS08 Datasheet HTML 4Page - International Rectifier 12TTS08 Datasheet HTML 5Page - International Rectifier 12TTS08 Datasheet HTML 6Page - International Rectifier 12TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Preliminary Data Sheet I2144 11/97
PHASE CONTROL SCR
SAFEIR Series
12TTS08
V
T
< 1.2V @ 8A
I
TSM
= 140A
V
RRM = 800V
Description/Features
The 12TTS08
SAFEIR series of silicon controlled
rectifiers are specifically designed for medium
power switching and phase control applications.
The glass passivation technology used has reli-
able operation up to 125° C junction temperature.
Typical applications are in input rectification and
crow-bar (soft start) and these products are
designed to be used with International Rectifier
input diodes, switches and output rectifiers which
are available in identical package outlines.
Major Ratings and Characteristics
TO-220AC
Capacitive input filterTA = 55°C,TJ = 125°C,
13.5
17
A
common heatsink of 1°C/W
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge Units
I
T(AV)
Sinusoidal
8
A
waveform
I
T(RMS)
12.5
A
V
RRM/
V
DRM
800
V
I
TSM
140
A
V
T
@ 8 A, T
J
= 25°C
1.2
V
dv/dt
150
V/µs
di/dt
100
A/µs
T
J
range
- 40 to 125
°C
Characteristics
12TTS08
Units
Also available in SMD-220 package (series 12TTS..S)
Package Outline


Similar Part No. - 12TTS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TTS08 VISHAY-12TTS08 Datasheet
134Kb / 7P
Phase Control SCR, 12.5 A
02-Jun-08
12TTS08 VISHAY-12TTS08 Datasheet
117Kb / 7P
Phase Control SCR, 12.5 A
02-Jun-08
logo
International Rectifier
12TTS08PBF IRF-12TTS08PBF Datasheet
171Kb / 7P
SAFEIR Series PHASE CONTROL SCR Lead-Free (PbF suffix)
logo
Vishay Siliconix
12TTS08PBF VISHAY-12TTS08PBF Datasheet
139Kb / 7P
Phase Control SCR, 12.5 A
23-Apr-08
12TTS08S VISHAY-12TTS08S Datasheet
139Kb / 7P
Phase Control SCR, 8 A
19-Aug-08
More results

Similar Description - 12TTS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
PHASE CONTROL SCR
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
PHASE CONTROL SCR
logo
International Rectifier
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T700163504BY POWEREX-T700163504BY Datasheet
731Kb / 4P
Phase Control SCR
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com