Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2D-0512S-RZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM2D-0512S-RZ
Description  2 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0512S-RZ Datasheet(HTML) 3 Page - AIMTEC

  AM2D-0512S-RZ Datasheet HTML 1Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 2Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 3Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 4Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 5Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AM2D-RZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
3 of 6
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
15
13.5-16.5
24
21.6-26.4
48
43.2-52.8
Filter
Capacitor
Absolute Maximum Rating
5 Vin
9
VDC
12 Vin
18
15 Vin
20
24 Vin
30
48 Vin
54
Peak Input Voltage time
100
ms
No Load Input Current
50
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
TestedI/O voltage
60sec
1000, 3000
VDC
Resistance
>1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short Circuit protection
Momentary (1sec)
Line voltage regulation
For 1.0% of Vin
1.2
% of Vin
Load voltage regulation
Load 10~100%
±5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
50
mVp-p
Minimum Load Current
10
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
70
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Plastic UL94V-0
Weight
2.8
g
Dimensions (L x W x H)
0.76 x 0.28 x 0.39 inch
19.50 x 7.20 x 10.00 mm
MTBF
>1.9 Mhrs (MIL-HDBK -217F, Ground Benign, t=+25oC)hours
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022: 2006 + A1: 2007, Class B
EN55024: 1998 + A1: 2001 + A2:2003
IEC61000-4-2:2008
IEC61000-4-3: 2006 + A1: 2007
IEC61000-4-4, 2004
IEC61000-4-6: 2008
IEC61000-4-8: 1993 + A1:2000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com