Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2D-0512S-RZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM2D-0512S-RZ
Description  2 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0512S-RZ Datasheet(HTML) 4 Page - AIMTEC

  AM2D-0512S-RZ Datasheet HTML 1Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 2Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 3Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 4Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 5Page - AIMTEC AM2D-0512S-RZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series AM2D-RZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
4 of 6
North America only
L
C1
C2
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
C3
Pin Out Specifications
Pin
1000 VDC
3000VDC
Single
Dual
Single
Dual
1
+ V Input
+ V Input
+ V Input
+ V Input
2
- V Input
- V Input
- V Input
- V Input
4
- V Output
- V Output
No pin
No pin
5
No pin
Common
-V Output
-V Output
6
+ V Output
+ V Output
No pin
Common
7
No pin
No pin
+V Output
+V Output
Dimensions
19.50
(0.76)
15.20
(0.60)
2.54
(0.10)
7.00
(0.28)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
7.20
(0.28)
10.00
(0.39)
9.50
(0.37)
3.05
(0.12)
0.50
(0.02)
NOTE: Unit:mm [inch]
Pin Diameter: 0.50 ± 0.05mm [0.02 ± 0.002 inch]
Pin Pitch tolerance: ±0.35mm [ ±0.014 inch]
Case tolerance: ±0.50mm [ ±0.02 inch]
Application Circuit, &Conducted Emissions
Input Voltage
(VDC)
C1
L
C2
C3
5
2.2uF/100V
18uH
N/A
N/A
12
2.2uF/100V
18uH
N/A
N/A
15
2.2uF/100V
18uH
N/A
N/A
24
2.2uF/100V
18uH
2.2uF/100V
470pF/2KV
48
2.2uF/100V
18uH
2.2uF/100V
470pF/2KV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com