Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72002 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # TH72002
Description  ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72002 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  TH72002 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TH72002
315MHz
ASK Transmitter
3901072002
Page 4 of 20
Data Sheet
Rev. 010
Jun/12
fc
f
eff
CL
eff
CL
R1
C1
C0
L1
XTAL
CL=
CX1 CRO
CX1+CRO
2 Functional Description
2.1
Crystal Oscillator
A Colpitts crystal oscillator with integrated functional capacitors is used as the reference oscillator for the PLL
synthesizer. The equivalent input capacitance CRO offered by the crystal oscillator input pin ROI is about
18pF. The crystal oscillator is provided with an amplitude control loop in order to have a very stable
frequency over the specified supply voltage and temperature range in combination with a short start-up time.
2.2
ASK Modulation
The PLL transmitter can be ASK-modulated by
applying a data stream directly at the pin
ASKDTA.
This
turns
the
internal
current
sources of the power amplifier on and off and
therefore leads to an ASK signal at the output.
ASKDTA
Description
0
Power amplifier is turned off
1
Power amplifier is turned on (according
to the selected output power step)
2.3
Crystal Pulling
A crystal is tuned by the manufacturer to the
required oscillation frequency f0 at a given load
capacitance
CL
and
within
the
specified
calibration tolerance. The only way to pull the
oscillation frequency is to vary the effective load
capacitance CLeff seen by the crystal.
Figure 2 shows the oscillation frequency of a
crystal as a function of the effective load
capacitance. This figure also illustrates the
relationship
between
the
external
pulling
capacitor and the center frequency.
It can be seen that the pulling sensitivity
increases with the reduction of CL. For high-
accuracy ASK applications, a higher load
capacitance should be chosen in order to
reduce the frequency drift caused by the
tolerances of the chip and the external pulling
capacitor.
Fig. 2: Crystal pulling characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com