Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72002 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72002
Description  ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72002 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72002 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TH72002
315MHz
ASK Transmitter
3901072002
Page 1 of 20
Data Sheet
Rev. 010
Jun/12
Features
Fully integrated PLL-stabilized VCO
Frequency range from 290 MHz to 350 MHz
Single-ended RF output
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
Wide power supply range from 1.95 V to 5.5 V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
Adjustable output power range from
-12 dBm to +11 dBm
Adjustable current consumption from
3.2 mA to 10.3 mA
Conforms to EN 300 220 and similar standards
8-pin Small Outline Integrated Circuit (SOIC)
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72002
K
DC
BAA-000
RE
TH72002
K
DC
BAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
DC for SOIC
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72002KDC-BAA-000-RE
Application Examples
Pin Description
General digital data transmission
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Low-power telemetry
Alarm and security systems
Garage door openers
Home automation
General Description
The TH72002 ASK transmitter IC is designed for applications in the 315 MHz industrial-scientific-medical
(ISM)
band.
It
can
also
be
used
for
any
other
system
with
carrier
frequencies
ranging
from 290 MHz to 350 MHz.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The
integrated PLL synthesizer ensures that each RF value, ranging from 290 MHz to 350 MHz, can be achieved
by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is the PLL feedback
divider ratio.
n. c.
ASKDTA
VEE
ENTX
ROI
VCC
PSEL
OUT
TH72002
1
3
4
2
8
6
5
7


Similar Part No. - TH72002

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
ASK Transmitter
TH72002 MELEXIS-TH72002 Datasheet
1Mb / 21P
315MHz ASK Transmitter
TH72002KDC MELEXIS-TH72002KDC Datasheet
512Kb / 20P
ASK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
315MHz ASK Transmitter
More results

Similar Description - TH72002

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
ASK Transmitter
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113 Datasheet
655Kb / 20P
QwikRadio짰 ASK Transmitter
logo
Infineon Technologies A...
TX98-4 INFINEON-TX98-4 Datasheet
1Mb / 20P
ASK Transmitter
Revision 1.0, 2010-04-23
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
FSK/ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
FSK/ASK Transmitter
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
ASK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
315MHz ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com