Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM342 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM342
Description  3-Terminal Positive Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM342 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM342 Datasheet HTML 1Page - National Semiconductor (TI) LM342 Datasheet HTML 2Page - National Semiconductor (TI) LM342 Datasheet HTML 3Page - National Semiconductor (TI) LM342 Datasheet HTML 4Page - National Semiconductor (TI) LM342 Datasheet HTML 5Page - National Semiconductor (TI) LM342 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Applications (Continued)
High Output Voltage Regulator
TLH10485 – 7
Necessary if regulator is located far from the power supply filter
D3 aids in full load start-up and protects the regulator during short circuits from high input to output voltage differentials
g
15V 250 mA Dual Power Supply
TLH10485 – 8
Variable Output Regulator 05V – 18V
VOUT e VG a 5V R1 e (bVIN IQ LM342)
VOUT e 5V(R2R4) for (R2 a R3) e (R4 a R5)
A 05V output will correspond to (R2R4) e 01 (R3R4) e 09
TLH10485 – 9
Solid tantalum
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com