Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM342 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM342
Description  3-Terminal Positive Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM342 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM342 Datasheet HTML 1Page - National Semiconductor (TI) LM342 Datasheet HTML 2Page - National Semiconductor (TI) LM342 Datasheet HTML 3Page - National Semiconductor (TI) LM342 Datasheet HTML 4Page - National Semiconductor (TI) LM342 Datasheet HTML 5Page - National Semiconductor (TI) LM342 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH10485
June 1989
LM342 Series
3-Terminal Positive Regulators
General Description
The LM342-XX series of three-terminal regulators is avail-
able with several fixed output voltages making them useful
in a wide range of applications One of these is local on card
regulation eliminating the distribution problems associated
with single point regulation The voltages available allow
these regulators to be used in logic systems instrumenta-
tion HiFi and other solid state electronic equipment Al-
though designed primarily as fixed voltage regulators these
devices can be used with external components to obtain
adjustable voltages and currents
The LM342-XX series is available in the plastic TO-202
package This package allows these regulators to deliver
over 025A if adequate heat sinking is provided Current lim-
iting is included to limit the peak output current to a safe
value Safe area protection for the output transistor is pro-
vided to limit internal power dissipation If internal power
dissipation becomes too high for the heat sinking provided
the thermal shutdown circuit takes over preventing the IC
from overheating
Considerable effort was expended to make the LM342-XX
series of regulators easy to use and minimize the number of
external components It is not necessary to bypass the
output although this does improve transient response Input
bypassing is needed only if the regulator is located far from
the filter capacitor of the power supply
For output voltage other than 5V 12V and 15V the LM117
series provides an output voltage range from 12V to 57V
Features
Y
Output current in excess of 025A
Y
Internal thermal overload protection
Y
No external components required
Y
Output transistor safe area protection
Y
Internal short circuit current limit
Y
Available in plastic TO-202 package
Y
Special circuitry allows start-up even if output is pulled
to negative voltage (gsupplies)
Voltage Range
LM342-50
5V
LM342-12
12V
LM342-15
15V
Schematic Diagram
TLH10485 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM342

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM342-155.52M CONNOR-WINFIELD-LM342-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM3420 NSC-LM3420 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
LM3420 NSC-LM3420 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Texas Instruments
LM3420 TI1-LM3420 Datasheet
1Mb / 26P
8.4-V Li-Ion Battery Charge Controller
logo
Shanghai Leiditech Elec...
LM3420 LEIDITECH-LM3420 Datasheet
1,009Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM342

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
3-Terminal Positive Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com