Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS245 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS245
Description  TRI-STATE Octal Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS245 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS245 Datasheet HTML 1Page - National Semiconductor (TI) 54LS245 Datasheet HTML 2Page - National Semiconductor (TI) 54LS245 Datasheet HTML 3Page - National Semiconductor (TI) 54LS245 Datasheet HTML 4Page - National Semiconductor (TI) 54LS245 Datasheet HTML 5Page - National Semiconductor (TI) 54LS245 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6413
June 1989
54LS245DM54LS245DM74LS245
TRI-STATE
Octal Bus Transceiver
General Description
These octal bus transceivers are designed for asynchro-
nous two-way communication between data buses The
control function implementation minimizes external timing
requirements
The device allows data transmission from the A bus to the B
bus or from the B bus to the A bus depending upon the logic
level at the direction control (DIR) input The enable input
(G) can be used to disable the device so that the buses are
effectively isolated
Features
Y
Bi-Directional bus transceiver in a high-density 20-pin
package
Y
TRI-STATE outputs drive bus lines directly
Y
PNP inputs reduce DC loading on bus lines
Y
Hysteresis at bus inputs improve noise margins
Y
Typical propagation delay times port-to-port 8 ns
Y
Typical enabledisable times 17 ns
Y
IOL (sink current)
54LS
12 mA
74LS
24 mA
Y
IOH (source current)
54LS
b
12 mA
74LS
b
15 mA
Y
Alternate MilitaryAerospace device (54LS245) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6413 – 1
Order Number 54LS245DMQB 54LS245FMQB 54LS245LMQB
DM54LS245J DM54LS245W DM74LS245WM or DM74LS245N
See NS Package Number E20A J20A M20B N20A or W20A
Function Table
Enable
Direction
Operation
G
Control
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
H e High Level L e Low Level X e Irrelevant
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS245

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54LS245D2 ETC-54LS245D2 Datasheet
275Kb / 8P
Octal bus transceiver
More results

Similar Description - 54LS245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
National Semiconductor ...
MM74HC245A NSC-MM74HC245A Datasheet
127Kb / 6P
Octal TRI-STATE Transceiver
MM54HCT640 NSC-MM54HCT640 Datasheet
140Kb / 4P
Inverting Octal TRI-STATE Transceiver
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
National Semiconductor ...
MM54HC620 NSC-MM54HC620 Datasheet
124Kb / 4P
Octal TRI-STATE Transceiver
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com