Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS245 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS245
Description  TRI-STATE Octal Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS245 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54LS245 Datasheet HTML 1Page - National Semiconductor (TI) 54LS245 Datasheet HTML 2Page - National Semiconductor (TI) 54LS245 Datasheet HTML 3Page - National Semiconductor (TI) 54LS245 Datasheet HTML 4Page - National Semiconductor (TI) 54LS245 Datasheet HTML 5Page - National Semiconductor (TI) 54LS245 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
DIR or G
7V
A or B
55V
Operating Free Air Temperature Range
DM54LS and 54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54LS245
DM74LS245
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
12
b
15
mA
IOL
Low Level Output Current
12
24
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
HYS
Hysteresis (VTa b VTb)VCC e Min
02
04
V
VOH
High Level Output Voltage
VCC e Min VIH e Min
DM74
27
VIL e Max IOH eb1mA
VCC e Min VIL e Min
DM54DM74
24
34
V
VIL e Max IOH eb3mA
VCC e Min VIH e Min
DM54DM74
2
VIL e 05V IOH e Max
VOL
Low Level Output Voltage
VCC e Min
IOL e 12 mA
DM74
04
VIL e Max
IOL e Max
DM54
04
V
VIH e Min
DM74
05
IOZH
Off-State Output Current
VCC e Max
VO e 27V
20
m
A
High Level Voltage Applied
VIL e Max
IOZL
Off-State Output Current
VIH e Min
VO e 04V
b
200
m
A
Low Level Voltage Applied
II
Input Current at Maximum
VCC e Max
AorB
VI e 55V
01
mA
Input Voltage
DIR or G
VI e 7V
01
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
02
mA
IOS
Short Circuit Output Current
VCC e Max (Note 2)
b
40
b
225
mA
ICC
Supply Current
Outputs High
VCC e Max
48
70
Outputs Low
62
90
mA
Outputs at Hi-Z
64
95
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time not to exceed one second duration
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com