Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 13 Page - SMSC Corporation

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-2 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button UCS1002-2 Datasheet HTML 9Page - SMSC Corporation UCS1002-2 Datasheet HTML 10Page - SMSC Corporation UCS1002-2 Datasheet HTML 11Page - SMSC Corporation UCS1002-2 Datasheet HTML 12Page - SMSC Corporation UCS1002-2 Datasheet HTML 13Page - SMSC Corporation UCS1002-2 Datasheet HTML 14Page - SMSC Corporation UCS1002-2 Datasheet HTML 15Page - SMSC Corporation UCS1002-2 Datasheet HTML 16Page - SMSC Corporation UCS1002-2 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
13
Revision 1.4 (07-16-13)
DATASHEET
5
COMM_SEL /
ILIM
COMM_SEL - Selects SMBus address
or Stand-alone mode of operation
AIO
n/a
ILIM - Selects the maximum current
limit at power-up
6
SEL
Selects whether PWR_EN is active
high or active low and determines the
SMBus address
AIO
n/a
7
VS1
Voltage input to Power Switch.
These pins must be tied together.
Hi-Power,
AIO
Connect to ground
8
VS2
9
VDD
Main power supply input for chip
functionality
Power
n/a
10
PWR_EN
Port power switch enable input. Polarity
determined by SEL pin.
DI
Connect to ground
or VDD (see
Note 2.3)
11
SMDATA /
LATCH
SMDATA - SMBus data input/output
(requires pull-up resistor)
DIOD
n/a
LATCH - In Stand-alone mode, Latch /
Auto-recovery fault handling
mechanism selection input
DI
12
SMCLK / S0
SMCLK - SMBus Clock Input (requires
pull-up resistor)
DI
n/a
S0 - In Stand-alone mode, enables
Attach / Removal Detection feature
13
ALERT#
Active low error event output flag
(requires pull-up resistor)
OD
Connect to ground
14
DPIN
USB data input (plus)
AIO
Connect to ground
or ground through
a resistor
15
DMIN
USB data input (minus)
AIO
Connect to ground
or ground through
a resistor
16
DMOUT
USB data output (minus)
AIO (see
Note 2.2)
Connect to ground
17
DPOUT
USB data output (plus)
AIO (see
Note 2.2)
Connect to ground
18
A_DET#
Active low Attach Detection output flag
(requires pull-up resistor)
OD
Connect to ground
19
EM_EN
Active mode selector input
DI
Connect to ground
or VDD (see
Note 2.3)
Table 2.1 UCS1002 Pin Description (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
IF PIN NOT USED
CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com