Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 39 Page - SMSC Corporation

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-2 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button UCS1002-2 Datasheet HTML 35Page - SMSC Corporation UCS1002-2 Datasheet HTML 36Page - SMSC Corporation UCS1002-2 Datasheet HTML 37Page - SMSC Corporation UCS1002-2 Datasheet HTML 38Page - SMSC Corporation UCS1002-2 Datasheet HTML 39Page - SMSC Corporation UCS1002-2 Datasheet HTML 40Page - SMSC Corporation UCS1002-2 Datasheet HTML 41Page - SMSC Corporation UCS1002-2 Datasheet HTML 42Page - SMSC Corporation UCS1002-2 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
39
Revision 1.4 (07-16-13)
DATASHEET
Table 5.1 shows the settings for the various power states, except Off and Error. If VDD < VDD_TH, the
UCS1002 is in the Off state. To determine the mode of operation in the Active state, see Table 9.1,
"Active Mode Selection". For more information about configuring the UCS1002 to create single or dual
mode charger solutions, see SMSC application note24.20“Using theUCS100x as a Single or Dual
Mode Charger.”
APPLICATION NOTE: Using configurations not listed in Table 5.1 is not recommended and may produce
undesirable results.
Note 5.1
In order to transition from Active state Data Pass-through mode into Sleep with these
settings, change the M1, M2, and EM_EN pins before changing the PWR_EN pin. See
Section 9.4, "Data Pass-through (No Charger Emulation)".
Note 5.2
If S0=’0’ and a portable device is not attached in DCE Cycle mode, the UCS1002 will be
cycling through charger emulation profiles (by default). There is no guarantee which
charger emulation profile will be applied first when a portable device attaches.
5.1.1
Off State Operation
The device will be in the off state if VDD is less than VDD_TH. When the UCS1002 is in the Off state,
it will do nothing, and all circuitry will be disabled.Digital register values are not stored and the device
will not respond to SMBus commands.
Table 5.1 Power States Control Settings
POWER
STATE
VS
PWR_EN
S0
M1, M2,
EM_EN
PORTABLE
DEVICE
ATTACHED
BEHAVIOR
Sleep
X
disabled
0
Not set to
Data
Pass-
through.
See
Note 5.1.
X
All switches disabled. VBUS will be
near ground potential. The
UCS1002 wakes to respond to
SMBus communications.
X
enabled
0
All = 0b
X
Detect
(see Chapter 8,
Detect State)
X
disabled
1
X
X
High-speed switch disabled (by
default). Port power switch disabled.
Host-controlled transition to Active
state (see Section 5.1.3.2, "Host-
Controlled Transition from Detect to
Active").
< VS_UVLO
enabled
1
All <> 0b
X
> VS_UVLO
enabled
1
All <> 0b
No
High-speed switch disabled(by
default). Automatic transition to
Active state when conditions met
(see Section 5.1.3.1, "Automatic
Transition from Detect to Active").
Active
(see Chapter 9,
Active State)
> VS_UVLO
enabled
0
All <> 0b
X
High-speed switch enabled /
disabled based on mode. Port power
switch is on at all times. Attach and
Removal Detection disabled. See
Note 5.2.
> VS_UVLO
enabled
1
All <> 0b
Yes
Port power switch is on. Removal
Detection enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com