Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1072 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1072
Description  1째C Temperature Sensor with Selectable Address
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1072 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1072 Datasheet HTML 17Page - SMSC Corporation EMC1072 Datasheet HTML 18Page - SMSC Corporation EMC1072 Datasheet HTML 19Page - SMSC Corporation EMC1072 Datasheet HTML 20Page - SMSC Corporation EMC1072 Datasheet HTML 21Page - SMSC Corporation EMC1072 Datasheet HTML 22Page - SMSC Corporation EMC1072 Datasheet HTML 23Page - SMSC Corporation EMC1072 Datasheet HTML 24Page - SMSC Corporation EMC1072 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1°C Temperature Sensor with Selectable Address
Datasheet
SMSC EMC1072
21
Revision 1.39 (10-11-10)
DATASHEET
Note 5.1
In default mode, all temperatures < 0°C will be reported as 0°C.
Note 5.2
In the extended range, all temperatures < -64°C will be reported as -64°C.
Note 5.3
For the default range, all temperatures > +127.875°C will be reported as +127.875°C.
Note 5.4
For the extended range, all temperatures > +191.875°C will be reported as +191.875°C.
5.10
External Diode Connections
The EMC1072 can be configured to measure a discrete 2N3904 diode-connected transistor or an AMD
processor diode. The diode can be connected as shown in Figure 5.5, "Diode Configurations".
190
011 1111 1111
111 1111 0000
191
011 1111 1111
111 1111 1000
>= 191.875
011 1111 1111
111 1111 1111
Note 5.4
Figure 5.5 Diode Configurations
Table 5.2 EMC1072 Temperature Data Format (continued)
TEMPERATURE (°C)
DEFAULT RANGE 0°C TO 127°C
EXTENDED RANGE RANGE -64°C
TO 191°C
Local Ground
to DP
Typical remote
substrate transistor
e.g. CPU substrate PNP
Typical remote
discrete NPN transistor
e.g. 2N3904
to DN
to DP
to DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com