Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1072 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1072
Description  1째C Temperature Sensor with Selectable Address
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1072 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1072 Datasheet HTML 3Page - SMSC Corporation EMC1072 Datasheet HTML 4Page - SMSC Corporation EMC1072 Datasheet HTML 5Page - SMSC Corporation EMC1072 Datasheet HTML 6Page - SMSC Corporation EMC1072 Datasheet HTML 7Page - SMSC Corporation EMC1072 Datasheet HTML 8Page - SMSC Corporation EMC1072 Datasheet HTML 9Page - SMSC Corporation EMC1072 Datasheet HTML 10Page - SMSC Corporation EMC1072 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1°C Temperature Sensor with Selectable Address
Datasheet
SMSC EMC1072
7
Revision 1.39 (10-11-10)
DATASHEET
Chapter 1 Part Selection
The EMC1072 device configuration is highlighted below.
Table 1.1 Part Selection
PART
NUMBER
SMBUS
ADDRESS
FUNCTIONALITY
PRODUCT
ID
EXTERNAL
DIODES
DIODE 1
DEFAULT
CONFIGURATION
DIODE 2
DEFAULT
CONFIGURATION
OTHER
EMC1072 - 1
1001_100xb
1
AMD or 3904
N/A
Software program-
mable and mask-
able High Limits
Software program-
mable THERM
Limits
20h
EMC1072 - A
See Table 4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com