Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5TW-2407D-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM5TW-2407D-RZ
Description  5 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-2407D-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM5TW-2407D-RZ Datasheet HTML 1Page - AIMTEC AM5TW-2407D-RZ Datasheet HTML 2Page - AIMTEC AM5TW-2407D-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM5TW-RZ
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
2 of 3
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Absolute Maximum Rating
24 Vin
48 Vin
-0.7-40
-0.7-80
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
>1000
MOhm
Capacitance
500
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance (Dual Output
Model)
Balanced Load
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation (Single)
±0.5
%
Line voltage regulation (Dual)
±0.5
%
Load voltage regulation (Single)
0 – 100% load
±0.5
%
Load voltage regulation (Single)
3.3V output model
0 – 100% load
±1.5
%
Load voltage regulation (Dual)
0 – 100% load
±0.5
%
Load voltage regulation (Dual)
±3.3V output model
0 – 100% load
±1.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
Rising time
10
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
260
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
90
%
Case material
Nickel coated copper
Weight
26
g
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
>1 050 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications noted in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage
and at rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B
IEC61000-4-5, Perf. Criteria B
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: also designed to meet IEC 60950-1:2001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com