Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5TW-2407D-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM5TW-2407D-RZ
Description  5 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-2407D-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM5TW-2407D-RZ Datasheet HTML 1Page - AIMTEC AM5TW-2407D-RZ Datasheet HTML 2Page - AIMTEC AM5TW-2407D-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM5TW-RZ
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM5TW-2403S-RZ
9-36
3.3
1300
1500
1000
75
AM5TW-2405S-RZ
9-36
5
1000
1500
680
80
AM5TW-2407S-RZ
9-36
7.2
690
1500
4700
78
AM5TW-2409S-RZ
9-36
9
556
1500
220
80
AM5TW-2412S-RZ
9-36
12
417
1500
100
81
AM5TW-2415S-RZ
9-36
15
333
1500
100
84
AM5TW-2418S-RZ
9-36
18
278
1500
68
82
AM5TW-2424S-RZ
9-36
24
209
1500
47
82
AM5TW-4803S-RZ
18-72
3.3
1300
1500
1000
75
AM5TW-4805S-RZ
18-72
5
1000
1500
680
81
AM5TW-4807S-RZ
18-72
7.2
690
1500
4700
80
AM5TW-4809S-RZ
18-72
9
556
1500
220
82
AM5TW-4812S-RZ
18-72
12
417
1500
100
83
AM5TW-4815S-RZ
18-72
15
333
1500
100
84
AM5TW-4818S-RZ
18-72
18
278
1500
68
83
AM5TW-4824S-RZ
18-72
24
209
1500
47
83
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM5TW-2403D-RZ
9-36
±3.3
±758
1500
±470
79
AM5TW-2405D-RZ
9-36
±5
±500
1500
±330
81
AM5TW-2407D-RZ
9-36
±7.2
±347
1500
±100
80
AM5TW-2409D-RZ
9-36
±9
±278
1500
±68
82
AM5TW-2412D-RZ
9-36
±12
±208
1500
±47
83
AM5TW-2415D-RZ
9-36
±15
±167
1500
±47
83
AM5TW-2418D-RZ
9-36
±18
±139
1500
±22
83
AM5TW-2424D-RZ
9-36
±24
±104
1500
±22
83
AM5TW-4803D-RZ
18-72
±3.3
±600
1500
±470
80
AM5TW-4805D-RZ
18-72
±5
±500
1500
±330
81
AM5TW-4807D-RZ
18-72
±7.2
±347
1500
±100
80
AM5TW-4809D-RZ
18-72
±9
±278
1500
±68
82
AM5TW-4812D-RZ
18-72
±12
±209
1500
±47
82
AM5TW-4815D-RZ
18-72
±15
±167
1500
±47
83
AM5TW-4818D-RZ
18-72
±18
±139
1500
±22
82
AM5TW-4824D-RZ
18-72
±24
±104
1500
±22
82
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
 RoHS compliant
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / Output Isolation 1500VDC
 High efficiency up to 84%
 Pin compatible with multiple manufacturers
 Wide 4:1 input range
 Continuous short circuit protection
Click on Series name for product info on aimtec.com


Similar Part No. - AM5TW-2407D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW-2407D-RZ AIMTEC-AM5TW-2407D-RZ Datasheet
412Kb / 3P
5 Watt | DC-DC Converter
More results

Similar Description - AM5TW-2407D-RZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
5 WATT DC DC CONVERTER
logo
AIMTEC
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
5 Watt | DC-DC Converter
AM5TW-VZ AIMTEC-AM5TW-VZ Datasheet
407Kb / 3P
5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
5 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
5 Watt | DC-DC Converter
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
5 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com