Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS5040N1R0MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SPS5040N1R0MF
Description  Low Profile (Metal Alloy) Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5040N1R0MF Datasheet(HTML) 4 Page - Superworld Electronics

  SPS5040N1R0MF Datasheet HTML 1Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 2Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 3Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 4Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 5Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low Profile (Metal Alloy) Inductors – L301212HF Series
Proprietary and Confidential
Document of Superworld
27/07/2016
P4
8. Soldering:
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the
stresses caused by the difference in coefficients of expansion between solder, chip and substrate. Our
terminations are suitable for all re-flow soldering systems. If hand soldering cannot be avoided, the
preferred technique is the utilization of hot air soldering tools.
Note:
-If wave soldering is used, there will be some risk.
-Reflow soldering temperatures below 240°C, there will be non-wetting risk.
8-1: Solder Re-flow:
Recommended temperature profiles for re-flow soldering in Figure 1
8-2: Soldering Iron (Figure 2):
Products attachment with soldering iron is discouraged due to the inherent process control limitations.
In the event that a soldering iron must be employed the following precautions are recommended.
Note:
a) Preheat circuit and products to 150°C
b) 350°C tip temperature (Max.)
c) Never contact the ceramic with the iron tip
d) 1.0mm tip diameter (Max.)
e) Use a 20watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4-5 sec



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com