Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS5040N1R0MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPS5040N1R0MF
Description  Low Profile (Metal Alloy) Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5040N1R0MF Datasheet(HTML) 5 Page - Superworld Electronics

  SPS5040N1R0MF Datasheet HTML 1Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 2Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 3Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 4Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 5Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Low Profile (Metal Alloy) Inductors – L301212HF Series
Proprietary and Confidential
Document of Superworld
27/07/2016
P5
9. Packaging Information:
9-1 Reel Dimension
9-2 Tape Dimension
9-3 Packaging Quantity
Type
A(mm)
B(mm)
C(mm)
D(mm)
13”x12mm 12.4+2/-0
100±2
13.5±0.5
330
L
301212
Chip / Reel
4000
Inner box
8000
Carton
32000
Series
Size
Bo(mm) Ao(mm) Ko(mm) P(mm)
W(mm)
F(mm)
T(mm)
L
301212 3.8±0.1 3.5±0.1 1.5±0.1 8.0±0.1 12.0±0.3 5.5±0.1 0.35±0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com