Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754AR Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7754AR
Description  ADE7754
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754AR Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7754AR Datasheet HTML 36Page - Analog Devices ADE7754AR Datasheet HTML 37Page - Analog Devices ADE7754AR Datasheet HTML 38Page - Analog Devices ADE7754AR Datasheet HTML 39Page - Analog Devices ADE7754AR Datasheet HTML 40Page - Analog Devices ADE7754AR Datasheet HTML 41Page - Analog Devices ADE7754AR Datasheet HTML 42Page - Analog Devices ADE7754AR Datasheet HTML 43Page - Analog Devices ADE7754AR Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 41 –
Watt Mode Register (0Dh)
The phases involved in the Active Energy measurement of the ADE7754 are defined by writing to the WATMODE register.
Table XIV below summarizes the functionality of each bit in the WATMODE register .
Table XIV WATMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-2
LWATSEL
7
These bits are used to select separately each part of the formula, depending on the Line
Active Energy measurement method. The behavior of these bits is the same as WATSEL
bits. Bit 2 selects the first term of the formula and so on.
3-5
WATSEL
7
These bits are used to select separately each part of the formula, depending on the Active
Energy measurement method. These bits are also used to enable the Negative power
detection available in bits 12-14 of CFNUM register - see Table XI. Setting bit 5 to logic
one selects the first term of the formula (VAxIA or VAx(IA-IB)). Setting bit 4 to logic one
selects the second term of the formula (VBxIB or 0 depending on WATMOD configu-
ration). Setting bit 3 to logic one selects the last term of the formula (VCxIC or
VCx(IC-IB)). Any combination of these bits are possible to address calibration and
operational needs.
6-7
WATM
0
These bits are used to select the formula used for Active Energy calculation
WATM1
WAVM0
Active Energy calculation
0
0
VAxIA
+
VBxIB
+
VCxIC
0
1
VAx(IA-IB) +
0
+
VCx(IC-IB)
1
0
VAx(IA-IB) +
0
+
VCxIC
1
1
Reserved
VA Mode Register (0Eh)
The phases involved in the Apparent Energy measurement of the ADE7754 are defined by writing to the VAMODE register.
Table XV below summarizes the functionality of each bit in the VAMODE register .
Table XV VAMode Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-2
LVASEL
7
These bits are used to select separately each part of the formula, depending on the Line
Apparent Energy measurement method. The behavior of these bits is the same as VASEL
bits. Bit 2 selects the first term of the formula and so on.
3-5
VASEL
7
These bits are used to select separately each part of the formula, depending on the Apparent
Energy measurement method. Setting bit 5 to logic one selects the first term of the formula
(VArmsxIArms). Setting bit 4 to logic one selects the second term of the formula
(VBrmsxIBrms or (VArms+VCrms)/2xIBrms or VArmsxIBrms depending on VAMOD configu-
ration). Setting bit 3 to logic one selects the first term of the formula (VCrmsxICrms). Any
combination of these bits are possible to address calibration and operational needs.
6-7
VAMOD
0
These bits are used to select the formula used for Active Energy calculation
VAMOD1
VAMOD0
Apparent Energy calculation
00
VArmsxIArms+VBrmsxIBrms+VCrmsxICrms
01
VArmsxIArms+(VArms+VCrms)/2xIBrms+VCrmsxICrms
10
VArmsxIArms+VArmsxIBrms+VCrmsxICrm
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com