Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754AR Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7754AR
Description  ADE7754
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754AR Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7754AR Datasheet HTML 36Page - Analog Devices ADE7754AR Datasheet HTML 37Page - Analog Devices ADE7754AR Datasheet HTML 38Page - Analog Devices ADE7754AR Datasheet HTML 39Page - Analog Devices ADE7754AR Datasheet HTML 40Page - Analog Devices ADE7754AR Datasheet HTML 41Page - Analog Devices ADE7754AR Datasheet HTML 42Page - Analog Devices ADE7754AR Datasheet HTML 43Page - Analog Devices ADE7754AR Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 43 –
Interrupt Status Register (10h) / Reset Interrupt Status Register (11h)
The Interrupt Status Register is used to determine the source of an interrupt event. When an interrupt event occurs in the
ADE7754, the corresponding flag in the Interrupt Status Register is set logic high. The IRQ pin will go active low if the
corresponding bit in the Interrupt Mask register is set logic high. When the MCU services the interrupt, it must first carry
out a read from the Interrupt Status Register to determine the source of the interrupt. All the interrupts in the Interrupt Status
Register stay at their logic high state after an event occurs. The state of the interrupt bit in the Interrupt Status register is reset
to its default value once the Reset Interrupt Status register is read.
Table XVII STATUS Register
Bit
Interrupt
Default
Event
Location
Flag
Value
Description
0
AEHF
0
Indicates that an interrupt was caused by the 0 to 1 transition of the MSB of the AENERGY
register (i.e. the AENERGY register is half-full)
1
SAGA
0
Indicates that an interrupt was caused by a SAG on the line voltage of the Phase A
2
SAGB
0
Indicates that an interrupt was caused by a SAG on the line voltage of the Phase B
3
SAGC
0
Indicates that an interrupt was caused by a SAG on the line voltage of the Phase C
4
ZXTOA
0
Indicates that an interrupt was caused by a missing zero crossing on the line voltage of the
Phase A
5
ZXTOB
0
Indicates that an interrupt was caused by a missing zero crossing on the line voltage of the
Phase B
6
ZXTOC
0
Indicates that an interrupt was caused by a missing zero crossing on the line voltage of the
Phase C
7
Z X A
0
Indicates a detection of rising zero crossing in the voltage channel of the phase A
8
Z X B
0
Indicates a detection of rising zero crossing in the voltage channel of the phase B
9
Z X C
0
Indicates a detection of rising zero crossing in the voltage channel of the phase C
Ah
LENERGY
0
In Line energy accumulation, it indicates the end of an integration over an integer number
of half line cycles (LINCYC) —see Energy Calibration
B h
RESET
0
Indicates that the ADE7754 has been reset
C h
PKV
0
Indicates that an interrupt was caused when the selected voltage input is above the value
in the PKVLV register.
D h
PKI
0
Indicates that an interrupt was caused when the selected current input is above the value
in the PKILV register.
E h
WFSM
0
Indicates that new data is present in the Waveform Register.
F h
VAEHF
0
Indicates that an interrupt was caused by the 0 to 1 transition of the MSB of the
VAENERGY register (i.e. the VAENERGY register is half-full)
INTERRUPT STATUS REGISTER*
ADDR: 10h
0
1
2
3
4
5
6
7
00
0
0
0
0
0
0
8
9
A
B
C
D
E
F
00
0
0
0
0
0
0
VAEHF
(Apparent Energy Register Half Full)
AEHF
(Active Energy Register Half Full)
SAG
(SAG Event Detect)
WFMP
(New Waveform Sample Ready)
*Register contents show power on defaults
ZX
(Zero Crossing Time out Detection)
PKV
LENERGY
(End of the LAENERGY and LVAENERGY accumulation)
ZX
(Zero Crossing Detection)
RESET
PKI
(Current channel Peak detection)
(Voltage channel Peak detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com