Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422IYFPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 29Page - Texas Instruments TUSB422IYFPR Datasheet HTML 30Page - Texas Instruments TUSB422IYFPR Datasheet HTML 31Page - Texas Instruments TUSB422IYFPR Datasheet HTML 32Page - Texas Instruments TUSB422IYFPR Datasheet HTML 33Page - Texas Instruments TUSB422IYFPR Datasheet HTML 34Page - Texas Instruments TUSB422IYFPR Datasheet HTML 35Page - Texas Instruments TUSB422IYFPR Datasheet HTML 36Page - Texas Instruments TUSB422IYFPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
33
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.20 Config Standard Output Register (address = 0x18) [reset = 0x60]
Figure 28. Config Standard Output
7
6
5
4
3
2
1
0
HIGH_Z_OUTP
UTS
DEBUG_ACC_
CONNECTED#
AUDIO_ACC_C
ONNECTED#
ACTIVE_CABL
E_CONNECTE
D
MUX_CTRL
CONNECTION
_PRES
CONN_ORIEN
T
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only
Table 25. Config Standard Output Descriptions
Bit
Field
Type
Reset
Description
7
HIGH_Z_OUTPUTS
R/W
0
High Impedance outputs
0b: Standard output control (default)
1b: Force all outputs to high impedance May be used to save
power in Sleep.
For TUSB422 this field has no meaning.
6
DEBUG_ACC_CONNECTED#
R/W
1
Debug Accessory Connected#
0b: Debug Accessory Connected# output is driven low
1b: Debug Accessory Connected# output is driven high
Controlled by either the TCPM or TUSB422.
For TUSB422 this field has no meaning.
5
AUDIO_ACC_CONNECTED#
R/W
1
Audio Accessory Connected#
0b: Audio Accessory connected
1b: No Audio Accessory connected (default)
For TUSB422 this field has no meaning.
4
ACTIVE_CABLE_CONNECTED
R/W
0
Active Cable Connected
0b: No Active Cable connected (default)
1b: Active Cable connected
For TUSB422 this field has no meaning.
3:2
MUX_CTRL
R/W
0
MUX Control 00b: No connection (default)
01b: USB3.1 Connected 10b: DP Alternate Mode – 4 lanes
11b: USB3.1 + Display Port Lanes 0 & 1
For TUSB422 this field has no meaning.
1
CONNECTION_PRES
R/W
0
Connection Present
0b: No Connection (default)
1b: Connection Controlled by the TCPM.
For TUSB422 this field has no meaning.
0
CONN_ORIENT
R/W
0
Connector Orientation
0b: Normal (CC1=A5, CC2=B5, TX1=A2/A3, RX1=B10/B11)
default
1b: Flipped (CC2=A5, CC1=B5, TX1=B2/B3, RX1=A10/A11) .
For TUSB422 this field has no meaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com