Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422IYFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422IYFPR
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422IYFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB422IYFPR Datasheet HTML 3Page - Texas Instruments TUSB422IYFPR Datasheet HTML 4Page - Texas Instruments TUSB422IYFPR Datasheet HTML 5Page - Texas Instruments TUSB422IYFPR Datasheet HTML 6Page - Texas Instruments TUSB422IYFPR Datasheet HTML 7Page - Texas Instruments TUSB422IYFPR Datasheet HTML 8Page - Texas Instruments TUSB422IYFPR Datasheet HTML 9Page - Texas Instruments TUSB422IYFPR Datasheet HTML 10Page - Texas Instruments TUSB422IYFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
7
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCONN
RDS(ON)
ON resistance of the VCONN power FET.
0.4
0.75
Ω
V(PASS)
Voltage to pass through VCONN power FET
5
V
I(VCONN)
VCONN current limit; VCONN is
disconnected above this voltage.
500
650
850
mA
V(VCONN_PRES)
Threshold for detecting Vconn present.
2
2.4
V
C(VCONN)
Bulk capacitance on VCONN; Placed on
VCONN pin supply
10
200
µF
R(VCONN_DIS)
Resistance to GND when Vconn discharge
is enabled
4.6
5.1
5.6
KΩ
VBUSIN
C(BULK_SRC)
Source External bulk capacitance when
operating as VBUS Source.
10
150
µF
C(SNK)
Sink External bulk capacitance on VBUS at
connector
1
10
µF
C(SNKPD)
Sink External bulk capacitance on VBUS
after success PD negotiation
1
100
µF
R(BLEED)
Resistance to gnd when bleed discharge is
enabled
8
10
12.5
KΩ
V(SRCSLEWNEG)
VBUS discharge maximum slew rate
–30
mV/µs
V(VBUS_MEASURE_ACC)
VBUS_VOLTAGE register measurement
accuracy
–2%
2%
OTSD
T(OTSD1)
TJ over temperature trip threshold resulting
in VCONN turn off and flag set.
150
°C
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
CC pins in PD mode
Fbr_PD
Bit Rate
270
300
330
Kbps
tUI_PD
Unit Interval
3.03
3.3
3.7
µs
tRISE_PD
Rise time
10% to 90%; CRX(SHUNT) = 200 pF
300
ns
tFALL_PD
Fall time
90% to 10%; CRX(SHUNT) = 200 pF
300
ns
tRxFilter
Rx Bandwidth limiting filter
100
ns
tInterFrameCap
Time from the end of last bit of a frame
until the state of the first bit of the next
pre-amble
25
50
µs
tStartDrive
Time before the start of the first bit of
the preamble when the transmitter
shall start driving the line.
-1
1
µs
tEndDriveBMC
Time to cease driving the line after the
end of the last bit of a frame
23
µs
tHoldLowBMC
Time to cease driving the line after the
final high-to-low transition
1
23
µs
nTransitionCount
Transitions for signal detect
Number of transitions to be detected to
declare bus non-idle
3
tFRSWAPTX
Fast Role Swap request transmit
duration
60
120
µs
tFRSWAPRX
Fast Role Swap detection time
30
50
µs
I2C (SDA and SCL)
FSCL
SCL clock frequency
0.001
1
MHz
tHD;STA
Hold time (repeated) start condition
0.26
µs
tLOW
Low period of SCL
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com